| Electronic Components Datasheet Search |
|
L6718 Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6718 Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 71 page ![]() Output voltage monitoring and protection L6718 58/71 DocID023399 Rev 3 9.2.3 Single-phase section The single-phase section features the same protection for phase and for average, as per multi-phase section. All the previous relationships remain applicable upon updating variables, referencing them to the single-phase section and considering this is working in single-phase. Table 19. Multi-phase section OC scaling and power states N (active phases in PS0) OC level in PS0 OC level in PS1, PS2 4 1.550 V / 1.700 V 0.800 V / 0.900 V 3 1.050 V / 1.150 V 2 1.550 V / 1.700 V |