Electronic Components Datasheet Search
  English  ▼

X  

LNBH26L Datasheet(PDF) 7 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LNBH26L Datasheet HTML 3Page - STMicroelectronics LNBH26L Datasheet HTML 4Page - STMicroelectronics LNBH26L Datasheet HTML 5Page - STMicroelectronics LNBH26L Datasheet HTML 6Page - STMicroelectronics LNBH26L Datasheet HTML 7Page - STMicroelectronics LNBH26L Datasheet HTML 8Page - STMicroelectronics LNBH26L Datasheet HTML 9Page - STMicroelectronics LNBH26L Datasheet HTML 10Page - STMicroelectronics LNBH26L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LNBH26L
Application information (valid for each section A/B)
Doc ID 022876 Rev 1
7/28
2.6
Diagnostic and protection functions
The LNBH26L has 4 diagnostic internal functions provided via the I²C bus, by reading 4 bits
on the STATUS1 register (in read mode). All the diagnostic bits are, in normal operation (that
is, no failure detected), set to LOW. One diagnostic bit is dedicated to the overtemperature
(OTF), and two bits (one per section) are dedicated to overcurrent (OLF-A, OLF-B). One bit
is dedicated to the input voltage power not good function (PNG). Once the OTF bit (or OLF-
A, OLF-B or PNG) has been activated (set to “1”), it is latched to “1” until the relevant cause
is removed and a new register reading operation is done.
2.7
Surge protection and TVS diodes
Each LNBH26L device section is directly connected to the antenna cable in a set-top box.
Atmospheric phenomenon can cause high voltage discharges on the antenna cable causing
damage to the attached devices. Surge pulses occur due to direct or indirect lightning
strikes to an external (outdoor) circuit. This leads to currents or electromagnetic fields
causing high voltage or current transients. Transient voltage suppressor (TVS) devices are
usually placed, as shown in the following schematic, to protect each section of STB output
circuits where the LNBH26L and other devices are electrically connected to the antenna
cable.
Figure 4.
Surge protection circuit
For this purpose the use of LNBTVSxx surge protection diodes specifically designed by ST
is recommended. The selection of the LNBTVS diode should be made based on the
maximum peak power dissipation that the diode is capable of supporting (see the LNBTVS
datasheet for further details).
2.8
Power-on I²C interface reset and undervoltage lockout
The I²C interface built into the LNBH26L is automatically reset at power-on. As long as the
VCC stays below the undervoltage lockout (UVLO) threshold (4.7 V typ.), the interface does
not respond to any I²C command and all DATA register bits are initialized to zeroes,
therefore keeping the power blocks disabled. Once the VCC rises above 4.8 V typ., the I²C
interface becomes operative and the DATA registers can be configured by the main
microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com