Electronic Components Datasheet Search
  English  ▼

X  

LNBH26L Datasheet(PDF) 17 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LNBH26L Datasheet HTML 13Page - STMicroelectronics LNBH26L Datasheet HTML 14Page - STMicroelectronics LNBH26L Datasheet HTML 15Page - STMicroelectronics LNBH26L Datasheet HTML 16Page - STMicroelectronics LNBH26L Datasheet HTML 17Page - STMicroelectronics LNBH26L Datasheet HTML 18Page - STMicroelectronics LNBH26L Datasheet HTML 19Page - STMicroelectronics LNBH26L Datasheet HTML 20Page - STMicroelectronics LNBH26L Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LNBH26L
I²C interface protocol
Doc ID 022876 Rev 1
17/28
7.3
Data registers
The DATA 1..4 registers can be addressed both in write and read mode. In read mode they
return the last writing byte status received in the previous write transmission.
The following tables provide the register address values of Data 1..4 and a function
description of each bit.
N/A = Reserved bit.
All bits reset to “0” at power-on.
N/A = Reserved bit.
All bits reset to “0” at power-on.
Table 6.
DATA 1 (read/write register. Register address = 0X2)
Bit
Name
CH
Value
Description
Bit 0
(LSb)
VSEL1-A
A
0/1
Channel A
output voltage selection bits.
(Refer to
Table 13)
Bit 1
VSEL2-A
0/1
Bit 2
VSEL3-A
0/1
Bit 3
VSEL4-A
0/1
Bit 4
VSEL1-B
B
0/1
Channel B
output voltage selection bits.
(Refer to
Table 13)
Bit 5
VSEL2-B
0/1
Bit 6
VSEL3-B
0/1
Bit 7
(MSb)
VSEL4-B
0/1
Table 7.
DATA 2 (read/write register. Register address = 0X3)
Bit
Name
CH
Value
Description
Bit 0
(LSb)
TEN-A
A
1
22 kHz tone enabled. Tone output controlled by the DSQIN pin
0
22 kHz tone output disabled
Bit 1
N/A
0
Reserved. Keep to “0”.
Bit 2
EXTM-A
1
DSQIN input pin is set to receive external 22 kHz TTL signal source
0
DSQIN input pin is set to receive external DiSEqC envelope TTL signal
Bit 3
N/A
0
Reserved. Keep to “0”.
Bit 4
TEN-B
B
1
22 kHz tone enabled. Tone output controlled by the DSQIN pin
0
22 kHz tone output disabled
Bit 5
N/A
0
Reserved. Keep to “0”.
Bit 6
EXTM-B
1
DSQIN input pin is set to receive external 22 kHz TTL signal source
0
DSQIN input pin is set to receive external DiSEqC envelope TTL signal
Bit 7
(MSb)
N/A
0
Reserved. Keep to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com