Electronic Components Datasheet Search
  English  ▼

X  

LNBH26L Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 5 Page - STMicroelectronics

  LNBH26L Datasheet HTML 1Page - STMicroelectronics LNBH26L Datasheet HTML 2Page - STMicroelectronics LNBH26L Datasheet HTML 3Page - STMicroelectronics LNBH26L Datasheet HTML 4Page - STMicroelectronics LNBH26L Datasheet HTML 5Page - STMicroelectronics LNBH26L Datasheet HTML 6Page - STMicroelectronics LNBH26L Datasheet HTML 7Page - STMicroelectronics LNBH26L Datasheet HTML 8Page - STMicroelectronics LNBH26L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LNBH26L
Application information (valid for each section A/B)
Doc ID 022876 Rev 1
5/28
2
Application information (valid for each section A/B)
This IC has a built-in DC-DC step-up converter that, from a single source (8 V to 16 V),
generates the voltages (VUP) that let the integrated LDO post-regulator (generating the 13 V
/ 18 V LNB output voltages plus the 22 kHz DiSEqC tone) to work with a minimum
dissipated power of 0.5 W typ. @ 500 mA load (the LDO drop voltage is internally kept at
VUP - VOUT = 1 V typ.). The IC is also provided with an undervoltage lockout circuit that
disables the whole circuit when the supplied VCC drops below a fixed threshold (4.7 V
typically). The step-up converter soft-start function reduces the inrush current during
startup. The SS time is internally fixed at 4 ms typ. to switch from 0 to 13 V and 6 ms typ. to
switch from 0 to 18 V.
2.1
DISEQC data encoding (DSQIN pin)
The internal 22 kHz tone generator is factory trimmed in accordance with the DiSEqC
standards, and can be activated in 3 different ways:
1) by an external 22 kHz source DiSEqC data connected to the DSQIN logic pin (TTL
compatible). In this case the I²C tone control bits must be set: EXTM=TEN=1.
2) by an external DiSEqC data envelope source connected to the DSQIN logic pin. In this
case the I²C tone control bits must be set: EXTM=0 and TEN=1.
3) through the TEN I²C bit if the 22 kHz presence is requested in continuous mode. In this
case the DSQIN TTL pin must be pulled high and the EXTM bit set to “0”.
2.2
Data encoding by external 22 kHz tone TTL signal
In order to improve design flexibility, an external tone signal can be input to the DSQIN pin
by setting the EXTM bit to “1”.
The DSQIN is a logic input pin which activates the 22 kHz tone to the VOUT pin, by using the
LNBH26L integrated tone generator.
The output tone waveforms are internally controlled by the LNBH26L tone generator in
terms of rise/fall time and tone amplitude, while, the external 22 kHz signal on the DSQIN
pin is used to define the frequency and the duty cycle of the output tone. A TTL compatible
22 kHz signal is required for the proper control of the DSQIN pin function. Before sending
the TTL signal on the DSQIN pin, the EXTM and TEN bits must be previously set to “1”. As
soon as the DSQIN internal circuit detects the 22 kHz TTL external signal code, the
LNBH26L activates the 22 kHz tone on the VOUT output with about 1 µs delay from TTL
signal activation, and it stops with about 60 µs delay after the 22 kHz TTL signal on DSQIN
has expired. Refer to
Figure 2.
Figure 2.
Tone enable and disable timing (using external waveform)
AM10426v1
~ 1 µs
~ 60 µs
DSQIN
Tone
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com