Electronic Components Datasheet Search
  English  ▼

X  

PM6686TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 28Page - STMicroelectronics PM6686TR Datasheet HTML 29Page - STMicroelectronics PM6686TR Datasheet HTML 30Page - STMicroelectronics PM6686TR Datasheet HTML 31Page - STMicroelectronics PM6686TR Datasheet HTML 32Page - STMicroelectronics PM6686TR Datasheet HTML 33Page - STMicroelectronics PM6686TR Datasheet HTML 34Page - STMicroelectronics PM6686TR Datasheet HTML 35Page - STMicroelectronics PM6686TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Device description
PM6686
32/50
Doc ID 15281 Rev 4
Figure 52.
Current limit circuit block diagram
A negative current control is also implemented: the low-side MOSFET is forced off when the
current exceeds the negative limit. This function prevents the excessive negative inductor
current during the PWM operating mode. The threshold is set approximately at the 120% of
the positive current limit.
8.1.8
Soft-start and soft-end
The two sections have independent enable pins, EN1 and EN2. A not programmable soft-
start procedure takes place when EN pin rises above 2.4 V typ.
To prevent high input inrush currents, the current limit is increased from 25% to 100% with
steps of 25%.
The procedure is not programmable and ends typically in 2.8 ms. The overvoltage protection
is always active while the undervoltage protection is enabled typically 20 ms after the
beginning of the soft-start procedure.
Driving one EN pin below 0.8 V makes the section perform a soft-end: gate driving signals
are pulled low and the output is discharged through an internal MOSFET with RDS(on) of
28
Ω typ.
A power up sequence for the switching sections can be selected connecting one EN pin to
VREF2.
Table 10.
Current limit configuration
Control pin
Control pin voltage
Threshold SET
ILIM1
ILIM2
VILIM = VCC-1 V
100 mV
0.2 V = VILIM = 2 V
VILIM = 5µA * RILIM
VILIM/10
 
PHASE
ILIM
+
-
+-
Ton
Generator
9R
R
LGATE
HGATE
5uA
RILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com