Electronic Components Datasheet Search
  English  ▼

X  

PM6686TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 31Page - STMicroelectronics PM6686TR Datasheet HTML 32Page - STMicroelectronics PM6686TR Datasheet HTML 33Page - STMicroelectronics PM6686TR Datasheet HTML 34Page - STMicroelectronics PM6686TR Datasheet HTML 35Page - STMicroelectronics PM6686TR Datasheet HTML 36Page - STMicroelectronics PM6686TR Datasheet HTML 37Page - STMicroelectronics PM6686TR Datasheet HTML 38Page - STMicroelectronics PM6686TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
PM6686
Monitoring and protections
Doc ID 15281 Rev 4
35/50
9.4
Linear regulator section
The PM6686 has an integrated linear regulator (LDO) that can provide an average of
100 mA typ. with a peak current of 270 mA typ. The LDO can be enabled using EN_LDO
pin. If VIN is applied the linear regulator is active even if PVCC is low.
The output voltage can be programmed by LDOREFIN pin. If LDOREFIN pin is tied to
ground (GND) the LDO provides a +5 V output voltage. If it is connected to VREF3 pin the
LDO regulates 3.3 V. If the voltage at the LDOREFIN pin is between 0.35 V and 2.25 V the
LDO generates an output voltage equals to 2xVLDOREFIN.
The controller provides a switchover function when LDOREFIN pin is connected to VCC or
GND. If the voltage at LDO_SW pin is high enough, the internal linear regulator is turned off
and the LDO pin is connected with an internal MOSFET to the LDO_SW pin. This feature
decreases the power dissipation of the device.
When the switchover function is used the maximum current capability is 200 mA if LDO
output is +5 V and 100 mA if the LDO output is +3.3 V.
Table 12.
LDO output voltage configuration
LDOREFIN voltage
LDO voltage
GND
+5 V
VREF3
+3,3 V
0,35 V < VLDOREFIN < 2,25 V
2x VLDOREFIN
Table 13.
LDO switchover management
VLDOREFIN
VBYPLDO_SW
VLDO
Internal LDO
Switchover
resistance
< 0,35 V
> 4,75 V
+5 V
Disabled
0.81
Ω
< 0,35 V
< 4,55 V
+5 V
Enabled
-
> 2.43 V
> 3.18 V
+3,3 V
Disabled
1.12
Ω
> 2.43 V
< 3.05 V
+3,3 V
Enabled
-
0,35 V < VLDOREFIN < 2,25 V
2x VLDOREFIN
Enabled
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com