Electronic Components Datasheet Search
  English  ▼

X  

PM6686TR Datasheet(PDF) 43 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 39Page - STMicroelectronics PM6686TR Datasheet HTML 40Page - STMicroelectronics PM6686TR Datasheet HTML 41Page - STMicroelectronics PM6686TR Datasheet HTML 42Page - STMicroelectronics PM6686TR Datasheet HTML 43Page - STMicroelectronics PM6686TR Datasheet HTML 44Page - STMicroelectronics PM6686TR Datasheet HTML 45Page - STMicroelectronics PM6686TR Datasheet HTML 46Page - STMicroelectronics PM6686TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
PM6686
Diode selection
Doc ID 15281 Rev 4
43/50
11.3
Other important components
11.3.1
VIN filter
A VIN pin low pass filter is suggested to reduce switching noise. The low pass filter is shown
in the next figure:
Figure 55.
VIN pin filter
Typical component value is: C = 1 µF.
11.3.2
PVCC and VCC
PVCC and VCC are connected with an internal resistor (about 10
Ω); this allows reducing
the external components. Connect the +5 V supply rail only to PVCC.
Use a bypass capacitor on PVCC pin. A VCC low pass filter helps to reject switching
commutations noise, this filter can be implemented simply adding a bypass capacitor on
VCC pin.
Figure 56.
VCC and PVCC filters
 
VIN
C
Input
Voltage
 
PVCC
VCC
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com