Electronic Components Datasheet Search
  English  ▼

X  

SPC564A80B4 Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 72Page - STMicroelectronics SPC564A80B4 Datasheet HTML 73Page - STMicroelectronics SPC564A80B4 Datasheet HTML 74Page - STMicroelectronics SPC564A80B4 Datasheet HTML 75Page - STMicroelectronics SPC564A80B4 Datasheet HTML 76Page - STMicroelectronics SPC564A80B4 Datasheet HTML 77Page - STMicroelectronics SPC564A80B4 Datasheet HTML 78Page - STMicroelectronics SPC564A80B4 Datasheet HTML 79Page - STMicroelectronics SPC564A80B4 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 157 page
background image
Pinout and signal description
SPC564A74L7, SPC564A80B4, SPC564A80L7
76/157
Doc ID 15399 Rev 9
RCH0_[A:C]
RCH1_[A:C]
RCH2_[A:C]
RCH3_[A:C]
RCH4_[A:C]
RCH5_[A:C]
eTPU2
Reaction Module
eTPU2 reaction channels. Used to control external actuators,
e.g., solenoid control for direct injection systems and valve
control in automatic transmissions
TCRCLKA
eTPU2
Input clock for TCR time base
CAN_A_TX
CAN_B_TX
CAN_C_TX
FlexCan_A -
FlexCAN_C
FlexCAN transmit
CAN_A_RX
CAN_B_RX
CAN_C_RX
FlexCAN_A -
FlexCAN_C
FlexCAN receive
FR_A_RX
FR_B_RX
FlexRay
FlexRay receive (Channels A, B)
FR_A_TX_EN
FR_B_TX_EN
FlexRay
FlexRay transmit enable (Channels A, B)
FR_A_TX
FR_B_TX
FlexRay
Flexray transmit (Channels A, B)
JCOMP
JTAG
Enables the JTAG TAP controller.
TCK
JTAG
Clock input for the on-chip test logic.
TDI
JTAG
Serial test instruction and data input for the on-chip test logic.
TDO
JTAG
Serial test data output for the on-chip test logic.
TMS
JTAG
Controls test mode operations for the on-chip test logic.
EVTI
Nexus
EVTI is an input that is read on the negation of RESET to
enable or disable the Nexus Debug port. After reset, the EVTI
pin is used to initiate program synchronization messages or
generate a breakpoint.
EVTO
Nexus
Output that provides timing to a development tool for a single
watchpoint or breakpoint occurrence.
MCKO
Nexus
MCKO is a free running clock output to the development tools
which is used for timing of the MDO and MSEO signals.
MDO[0:11](1)
Nexus
Trace message output to development tools. This pin also
indicates the status of the crystal oscillator clock following a
power-on reset, when MDO[0] is driven high until the crystal
oscillator clock achieves stability and is then negated.
MSEO[0:1](1)
Nexus
Output pin—Indicates the start or end of the variable length
message on the MDO pins
RDY
Nexus
Nexus Ready Output (RDY) is an output that indicates to the
development tools the data is ready to be read from or written
to the Nexus read/write access registers.
Table 6.
Signal details (continued)
Signal
Module or Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com