Electronic Components Datasheet Search
  English  ▼

X  

SPC564A80B4 Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 79Page - STMicroelectronics SPC564A80B4 Datasheet HTML 80Page - STMicroelectronics SPC564A80B4 Datasheet HTML 81Page - STMicroelectronics SPC564A80B4 Datasheet HTML 82Page - STMicroelectronics SPC564A80B4 Datasheet HTML 83Page - STMicroelectronics SPC564A80B4 Datasheet HTML 84Page - STMicroelectronics SPC564A80B4 Datasheet HTML 85Page - STMicroelectronics SPC564A80B4 Datasheet HTML 86Page - STMicroelectronics SPC564A80B4 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
83/157
3.3
Thermal characteristics
TJ
SR
Maximum operating
temperature range - die
junction temperature
–40.0
150.0
oC
TSTG
SR
Storage temperature range
–55.0
150.0
oC
TSDR
SR
Maximum solder
temperature(13)
—
260.0
oC
MSL
SR
Moisture sensitivity level(14)
—3
1.
Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2.
Allowed 2 V for 10 hours cumulative time, remaining time at 1.2 V +10%.
3.
The VFLASH supply is connected to VRC33 in the package substrate. This specification applies to calibration package
devices only.
4.
Allowed 5.3 V for 10 hours cumulative time, remaining time at 3.3 V +10%.
5.
Allowed 5.9 V for 10 hours cumulative time, remaining time at 5 V +10%.
6.
All functional non-supply I/O pins are clamped to VSS and VDDE, or VDDEH.
7.
AC signal overshoot and undershoot of up to 2.0 V of the input voltages is permitted for an accumulative duration of 60
hours over the complete lifetime of the device (injection current not limited for this duration).
8.
Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met.
9.
Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDEH supplies, if the
maximum injection current specification is met (2 mA for all pins) and VDDEH is within the operating voltage specifications.
10. Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDE supplies, if the
maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage specifications.
11. Total injection current for all pins (including both digital and analog) must not exceed 25 mA.
12. Total injection current for all analog input pins must not exceed 15 mA.
13. Solder profile per IPC/JEDEC J-STD-020D.
14. Moisture sensitivity per JEDEC test method A112.
Table 9.
Absolute maximum ratings(1) (continued)
Symbol
Parameter
Conditions
Value
Unit
min
max
Table 10.
Thermal characteristics for 176-pin QFP(1)
Symbol
C
Parameter
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection(2)
Single layer board - 1s
38
°C/W
RJA
CC
D Junction-to-Ambient, Natural Convection(2)
Four layer board - 2s2p
31
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient(2)
200 ft./min., single layer
board - 1s
30
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient(2)
at 200 ft./min., four layer
board - 2s2p
25
°C/W
RJB
CC
D Junction-to-Board(3)
20
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com