Electronic Components Datasheet Search
  English  ▼

X  

SPC564A80B4 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 28Page - STMicroelectronics SPC564A80B4 Datasheet HTML 29Page - STMicroelectronics SPC564A80B4 Datasheet HTML 30Page - STMicroelectronics SPC564A80B4 Datasheet HTML 31Page - STMicroelectronics SPC564A80B4 Datasheet HTML 32Page - STMicroelectronics SPC564A80B4 Datasheet HTML 33Page - STMicroelectronics SPC564A80B4 Datasheet HTML 34Page - STMicroelectronics SPC564A80B4 Datasheet HTML 35Page - STMicroelectronics SPC564A80B4 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
32/157
Doc ID 15399 Rev 9
1.6.2
Block summary
Table 3 summarizes the functions of the blocks present on the SPC564A80 series
microcontrollers.
Table 3.
SPC564A80 series block summary
Block
Function
Boot assist module (BAM)
Block of read-only memory containing executable code that searches
for user-supplied boot code and, if none is found, executes the BAM
boot code resident in device ROM.
Calibration Bus interface
Transfers data across the crossbar switch to/from peripherals
attached to the calibration tool connector.
Controller area network (FlexCAN)
Supports the standard CAN communications protocol.
Crossbar switch (XBAR)
Internal busmaster.
Cyclic redundancy check (CRC)
CRC checksum generator.
Deserial serial peripheral interface (DSPI)
Provides a synchronous serial interface for communication with
external devices.
e200z4 core
Executes programs and interrupt handlers.
Enhanced direct memory access (eDMA)
Performs complex data movements with minimal intervention from
the core.
Enhanced modular input-output system
(eMIOS)
Provides the functionality to generate or measure events.
Enhanced queued analog-to-digital
converter (eQADC)
Provides accurate and fast conversions for a wide range of
applications.
Enhanced serial communication interface
(eSCI)
Provides asynchronous serial communication capability with
peripheral devices and other microcontroller units.
Enhanced time processor unit (eTPU2)
Second-generation co-processor processes real-time input events,
performs output waveform generation, and accesses shared data
without host intervention.
Error Correction Status Module (ECSM)
The Error Correction Status Module supports a number of
miscellaneous control functions for the platform, and includes
registers for capturing information on platform memory errors if error-
correcting codes (ECC) are implemented
External bus interface (EBI)
Enables expansion of internal bus to enable connection of external
memory or peripherals.
Flash memory
Provides storage for program code, constants, and variables.
FlexRay
Provides high-speed distributed control for advanced automotive
applications.
Interrupt controller (INTC)
Provides priority-based preemptive scheduling of interrupt requests.
JTAG controller
Provides the means to test chip functionality and connectivity while
remaining transparent to system logic when not in test mode.
Memory protection unit (MPU)
Provides hardware access control for all memory references
generated.
Nexus port controller (NPC)
Provides real-time development support capabilities in compliance
with the IEEE-ISTO 5001-2003 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com