Electronic Components Datasheet Search
  English  ▼

X  

ST7FOXA0 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 6Page - STMicroelectronics ST7FOXA0 Datasheet HTML 7Page - STMicroelectronics ST7FOXA0 Datasheet HTML 8Page - STMicroelectronics ST7FOXA0 Datasheet HTML 9Page - STMicroelectronics ST7FOXA0 Datasheet HTML 10Page - STMicroelectronics ST7FOXA0 Datasheet HTML 11Page - STMicroelectronics ST7FOXA0 Datasheet HTML 12Page - STMicroelectronics ST7FOXA0 Datasheet HTML 13Page - STMicroelectronics ST7FOXA0 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
Description
ST7FOXA0
10/123
1
Description
The ST7FOXA0 is a member of the ST7 microcontroller family. All ST7 devices are based
on a common industry-standard 8-bit core, featuring an enhanced instruction set.
The device is positioned at the entry level of the 8-bit microcontroller range providing an
attractive cost while at the same time embedding the most advanced features.
The ST7FOXA0 features Flash memory with byte-by-byte In-Circuit Programming (ICP) and
In-Application Programming (IAP) capability.
Under software control, the ST7FOXA0 device can be placed in Wait, Slow, or Halt mode,
reducing power consumption when the application is in idle or standby state.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
The ST7FOXA0 features an on-chip Debug Module (DM) to support In-Circuit Debugging
(ICD). For a description of the DM registers, refer to the ST7 ICC Protocol Reference
Manual.
Figure 1.
General block diagram
8-bit core
ALU
PA3 / RESET
Port A
10-bit ADC
with watchdog
Internal
Clock
Control
RAM
(128 Bytes)
PA5:0
(6 bits)
VSS
VDD
Power
Supply
8-MHz RC
Lite timer
Memory
12-bit auto-
reload timer
Flash
2 K Byte
AWU RC
External
Clock
Osc
Osc
LVD
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com