Electronic Components Datasheet Search
  English  ▼

X  

AD5308 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5308 Datasheet HTML 7Page - Analog Devices AD5308 Datasheet HTML 8Page - Analog Devices AD5308 Datasheet HTML 9Page - Analog Devices AD5308 Datasheet HTML 10Page - Analog Devices AD5308 Datasheet HTML 11Page - Analog Devices AD5308 Datasheet HTML 12Page - Analog Devices AD5308 Datasheet HTML 13Page - Analog Devices AD5308 Datasheet HTML 14Page - Analog Devices AD5308 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
REV. B
AD5308/AD5318/AD5328
–11–
FUNCTIONAL DESCRIPTION
The AD5308/AD5318/AD5328 are octal resistor-string DACs
fabricated on a CMOS process with resolutions of 8, 10, and
12 bits, respectively. Each contains eight output buffer amplifiers
and is written to via a 3-wire serial interface. They operate
from single supplies of 2.5 V to 5.5 V, and the output buffer
amplifiers provide rail-to-rail output swing with a slew rate
of 0.7 V/
µs. DACs A, B, C, and D share a common reference
input, VREFABCD. DACs E, F, G, and H share a common
reference input, VREFEFGH. Each reference input may be
buffered to draw virtually no current from the reference source,
may be unbuffered to give a reference input range from 0.25 V
to VDD, or may come from VDD. The devices have a power-
down mode in which all DACs may be turned off individually
with a high impedance output.
Digital-to-Analog Section
The architecture of one DAC channel consists of a resistor-
string DAC followed by an output buffer amplifier. The voltage
at the VREF pin provides the reference voltage for the corre-
sponding DAC. Figure 4 shows a block diagram of the DAC
architecture. Since the input coding to the DAC is straight
binary, the ideal output voltage is given by
V
VD
OUT
REF
N
=
×
2
where
D = decimal equivalent of the binary code that is loaded to the
DAC register:
0–255 for AD5308 (8 bits)
0–1023 for AD5318 (10 bits)
0–4095 for AD5328 (12 bits)
N = DAC resolution
VOUTA
GAIN MODE
(GAIN = 1 OR 2)
VREFABCD
BUF
DAC
REGISTER
INPUT
REGISTER
RESISTOR
STRING
OUTPUT
BUFFER AMPLIFIER
REFERENCE
BUFFER
VDD
VDD
Figure 4. Single DAC Channel Architecture
Resistor String
The resistor-string section is shown in Figure 5. It is simply a
string of resistors, each of value R. The digital code loaded to
the DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier. The
voltage is tapped off by closing one of the switches connecting
the string to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
TO OUTPUT
AMPLIFIER
R
R
R
R
R
Figure 5. Resistor String
DAC Reference Inputs
There is a reference pin for each quad of DACs. The reference
inputs can be buffered from VDD, or unbuffered. The advantage
with the buffered input is the high impedance it presents to the
voltage source driving it. However, if the unbuffered mode is
used, the user can have a reference voltage as low as 0.25 V and
as high as VDD since there is no restriction due to the headroom
and footroom of the reference amplifier.
If there is a buffered reference in the circuit (e.g., REF192), there
is no need to use the on-chip buffers of the AD5308/AD5318/
AD5328. In unbuffered mode, the input impedance is still large
at typically 45 k
Ω per reference input for 0 V to VREF mode and
22 k
Ω for 0 V to 2 V
REF mode.
Output Amplifier
The output buffer amplifier is capable of generating output
voltages to within 1 mV of either rail. Its actual range depends
on the value of VREF, the gain of the output amplifier, the offset
error, and the gain error.
If a gain of 1 is selected (GAIN bit = 0), the output range is
0.001 V to VREF.
If a gain of 2 is selected (GAIN bit = 1), the output range is
0.001 V to 2 VREF. Because of clamping, however, the maxi-
mum output is limited to VDD – 0.001 V.
The output amplifier is capable of driving a load of 2 k
Ω to
GND or VDD, in parallel with 500 pF to GND or VDD. The
source and sink capabilities of the output amplifier can be seen
in the plot in TPC 11.
The slew rate is 0.7 V/
µs with a half-scale settling time to ±0.5 LSB
(at eight bits) of 6
µs.
POWER-ON RESET
The AD5308/AD5318/AD5328 are provided with a power-on
reset function so that they power up in a defined state. The
power-on state is
• Normal operation
• Reference inputs unbuffered
• 0 V to VREF output range
• Output voltage set to 0 V
• LDAC bits set to LDAC high
Both input and DAC registers are filled with zeros and remain
so until a valid write sequence is made to the device. This is
particularly useful in applications where it is important to know
the state of the DAC outputs while the device is powering up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com