Electronic Components Datasheet Search
  English  ▼

X  

AD5405YCP Datasheet(PDF) 14 Page - Analog Devices

Part # AD5405YCP
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5405YCP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5405YCP Datasheet HTML 10Page - Analog Devices AD5405YCP Datasheet HTML 11Page - Analog Devices AD5405YCP Datasheet HTML 12Page - Analog Devices AD5405YCP Datasheet HTML 13Page - Analog Devices AD5405YCP Datasheet HTML 14Page - Analog Devices AD5405YCP Datasheet HTML 15Page - Analog Devices AD5405YCP Datasheet HTML 16Page - Analog Devices AD5405YCP Datasheet HTML 17Page - Analog Devices AD5405YCP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5405
Rev. 0 | Page 14 of 24
GENERAL DESCRIPTION
DAC SECTION
The AD5405 is a 12-bit, dual-channel, current-output DAC
consisting of a standard inverting R-2R ladder configuration.
Figure 31 shows a simplified diagram for a single channel of the
AD5405. The feedback resistor RFB has a value of 2R. The value
of R is typically 10 kΩ (minimum 8 kΩ and maximum 12 kΩ).
If IOUT1A and IOUT2A are kept at the same potential, a constant
current flows in each ladder leg, regardless of digital input code.
Thus, the input resistance presented at VREF is always constant.
VREFA
IOUT 2A
DAC DATA LATCHES
AND DRIVERS
2R
S1
2R
S2
2R
S3
2R
S12
2R
R
R
R
IOUT1A
RFB A
2R
Figure 31. Simplified Ladder Configuration
Access is provided to the VREF, RFB, IOUT1, and IOUT2 terminals of
each DAC, making the device extremely versatile and allowing
it to be configured in several different operating modes, such as
for unipolar output, bipolar output, or single-supply mode.
CIRCUIT OPERATION
Unipolar Mode
Using a single op amp, this DAC can easily be configured to
provide 2-quadrant multiplying operation or a unipolar output
voltage swing, as shown in Figure 32.
RFB
2R
R1
2R
AD5405
12-Bit DAC A
R
R1A
RFBA
VDD
VREFA
VOUT = 0V TO –VIN
A1
IOUT2A
IOUT1A
AGND
C1
GND
AGND
R2A
R2_3A
R3A
R2
2R
R3
2R
AGND
NOTES
1. SIMILAR CONFIGURATION FOR DAC B
2. C1 PHASE COMPENSATION (1pF–2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 32. Unipolar Operation
When an output amplifier is connected in unipolar mode, the
output voltage is given by
REF
n
OUT
V
D
V
×
−
=
2
where D is the fractional representation of the digital word
loaded to the DAC, and n is the resolution of the DAC.
4095
0 to
D =
With a fixed 10 V reference, the circuit shown in Figure 32 gives
a unipolar 0 V to −10 V output voltage swing. When VIN is an ac
signal, the circuit performs 2-quadrant multiplication.
Table 5 shows the relationship between digital code and
expected output voltage for unipolar operation.
Table 5. Unipolar Code Table
Digital Input
Analog Output (V)
1111 1111
−VREF (4095/4096)
1000 0000
−VREF (2048/4096) = −VREF/2
0000 0001
−VREF (1/4096)
0000 0000
−VREF (0/4096) = 0
Bipolar Operation
In some applications, it may be necessary to generate full
4-quadrant multiplying operation or a bipolar output swing.
This can be easily accomplished by using another external
amplifier, as shown in Figure 33.
RFB
2R
R1
2R
AD5405
12-Bit DAC A
R
R1A
RFBA
VDD
VREFA
R2A
R2_3A
R3A
A1
IOUT2A
IOUT1A
AGND
C1
R2
2R
R3
2R
AGND
GND
AGND
A1
VIN
VOUT =–VIN TO +VIN
NOTES
1. SIMILAR CONFIGURATION FOR DAC B
2. C1 PHASE COMPENSATION (1pF–2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 33. Bipolar Operation (4-Quadrant Multiplication)
When in bipolar mode, the output voltage is given by
REF
n
REF
OUT
V
D
V
V
×
×
=
−1
2
where D is the fractional representation of the digital word
loaded to the DAC, in the range of 0 to 4095, and n is the
number of bits. When VIN is an ac signal, the circuit performs
4-quadrant multiplication.
Table 6 shows the relationship between the digital code and the
expected output voltage for bipolar operation.
Table 6. Bipolar Code Table
Digital Input
Analog Output (V)
1111 1111
+VREF (2047/2048)
1000 0000
0
0000 0001
−VREF (2047/2048)
0000 0000
−VREF (2048/2048)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com