Electronic Components Datasheet Search
  English  ▼

X  

AMA2805D Datasheet(PDF) 3 Page - International Rectifier

Part # AMA2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2805D Datasheet(HTML) 3 Page - International Rectifier

  AMA2805D Datasheet HTML 1Page - International Rectifier AMA2805D Datasheet HTML 2Page - International Rectifier AMA2805D Datasheet HTML 3Page - International Rectifier AMA2805D Datasheet HTML 4Page - International Rectifier AMA2805D Datasheet HTML 5Page - International Rectifier AMA2805D Datasheet HTML 6Page - International Rectifier AMA2805D Datasheet HTML 7Page - International Rectifier AMA2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMA28XXD SERIES
3
2016-05-18
Static Characteristics
(Continued) -55°C ≤ TCASE ≤ +125°C,VIN = 28VDC ± 5%, CL =0, unless otherwise specified.
For Notes to Electrical Performance Characteristics, refer to page 4
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Cross Regulation 5
AMA2805D
AMA2812D
AMA2815D
1, 2, 3
1, 2, 3
1, 2, 3
Minimum 1.0 watt on both
outputs 20% - 80% load
15
8.0
8.0
%
Input Current
No Load
Inhibit
1, 2, 3
1, 2, 3
VIN = 28V,
IOUT = 0, Inhibit (pin 5) = open
Inhibit (pin 5) shorted to input
return (pin 7)
35
60
12
mA
Input Ripple Current 3
AMA2805D
AMA2812D
AMA2815D
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 16, 28, 40 Volts, 100%
load, BW = 20 Hz to 2 MHz
100
100
100
mAPP
Efficiency 3
AMA2805D
AMA2812D
AMA2815D
AMA2805D
AMA2812D
AMA2815D
1, 3
1, 3
1, 3
2
2
2
100% load
66
71
71
60
68
68
%
Isolation
1
Input to output or any pin to
case (except pin 8) at 500VDC
100
M
Capacitive Load 5, 6
AMA2805D
AMA2812D
AMA2815D
4
4
4
No effect on dc performance,
total for both outputs
500
200
200
F
Short Circuit Power Dissipation
1, 2, 3
4.0
W
MTBF
MIL-HDBK-217F, SF @ 35ºC
700
khrs
Weight
32
g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com