Electronic Components Datasheet Search
  English  ▼

X  

AMA2805D Datasheet(PDF) 1 Page - International Rectifier

Part # AMA2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2805D Datasheet(HTML) 1 Page - International Rectifier

  AMA2805D Datasheet HTML 1Page - International Rectifier AMA2805D Datasheet HTML 2Page - International Rectifier AMA2805D Datasheet HTML 3Page - International Rectifier AMA2805D Datasheet HTML 4Page - International Rectifier AMA2805D Datasheet HTML 5Page - International Rectifier AMA2805D Datasheet HTML 6Page - International Rectifier AMA2805D Datasheet HTML 7Page - International Rectifier AMA2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
 5.0 Watts Output Power
 Available in ± 5, ±12 and ±15 Volt Outputs
 16- 40 VDC Input Range (28 VDC Nominal)
 Total Ionizing Dose > 25 kRads(Si)
 SEE Hardened to LET up to 60 MeVcm2/mg
 -55°C to +125°C Operating Range
 Indefinite Short Circuit Protection
 Flexible Mounting
 Fully Isolated - Input to Output and to Case
 Complimentary EMI Filter Available
 Electrical Performance Similar to ASA28XXD Series
 Standard Microcircuit Drawings Available
 
HYBRID-HIGH RELIABILITY
RADIATION TOLERANT
DC-DC CONVERTER
AMA
AMA28XXD SERIES
Description
The AMA28XXD Series of DC-DC converter modules has
been specifically designed for operation in moderate radiation
environments supplementing the higher radiation performance
available in the IR HiRel ART2815T converter series. Environ-
ments presented to space vehicles operating in low earth
orbits, launch boosters, orbiting space stations and similar
applications requiring a low power, high performance converter
with moderate radiation hardness performance will be optimally
served by the AMA28XXD Series.
The physical configuration of the AMA28XXD Series
permits mounting directly to a heat conduction surface
without the necessity of signal leads penetrating the heat
sink surface. This package configuration permits greater
independence in mounting and more mechanical security
than traditional packages. International Rectifier’s rugged
ceramic seal pins are used exclusively in the package
thereby assuring long term hermeticity.
The AMA28XXD has been designed for high density
using chip and wire hybrid technology that complies with
the class H requirements of MIL-PRF-38534. Manufactured in a
facility fully qualified to MIL-PRF-38534, these converters
are fabricated utilizing DLA qualified processes. For availa-
ble screening options, refer to device screening table in the data
sheet. Applicable generic lot qualification test data including
radiation performance can be made available on request.
Variations to the standard screening can be accommodated.
Consult IR HiRel San Jose for special requirements.
1
2016-05-18
PD-94692G
28V Input, Dual Output


Similar Part No. - AMA2805D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMA2805D ETC2-AMA2805D Datasheet
25Kb / 2P
Radiation Tolerant DC/DC Converters
logo
International Rectifier
AMA2805D/CH IRF-AMA2805D/CH Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2805D/CH IRF-AMA2805D/CH Datasheet
134Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2805D/EM IRF-AMA2805D/EM Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2805D/EM IRF-AMA2805D/EM Datasheet
134Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - AMA2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2812S IRF-AMA2812S Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com