Electronic Components Datasheet Search
  English  ▼

X  

AMA2805D Datasheet(PDF) 4 Page - International Rectifier

Part # AMA2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2805D Datasheet(HTML) 4 Page - International Rectifier

  AMA2805D Datasheet HTML 1Page - International Rectifier AMA2805D Datasheet HTML 2Page - International Rectifier AMA2805D Datasheet HTML 3Page - International Rectifier AMA2805D Datasheet HTML 4Page - International Rectifier AMA2805D Datasheet HTML 5Page - International Rectifier AMA2805D Datasheet HTML 6Page - International Rectifier AMA2805D Datasheet HTML 7Page - International Rectifier AMA2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMA28XXD SERIES
4
2016-05-18
Notes to Specifications
1. Applicable to positive and negative outputs..
2. Maximum combined output is 5.0 watts. 4.0 watts (max.) is available from either output (80%).
3. Load current split equally between +VOUT and –VOUT.
4. 1.0 watt load on output under test, 1.0 watt to 4.0 watt load change on other output.
5. Capacitive value may be any value from 0 to the maximum limit without compromising DC performance. A capacitive load in
excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn-on.
6. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be
guaranteed to the limit specified.
7. Load step transition time between 2 and 10 microseconds.
8. Recovery time is measured from initiation of the transient to where VOUT has returned to within ±1% of VOUT at 50% load.
9. Input step transient time between 1 and 10 microseconds.
10 Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin while power is applied to the input.
Dynamic Characteristics
-55°C ≤ TCASE ≤ +125°C, VIN = 28VDC ± 5%, CL = 0, unless otherwise specified.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Short Circuit Recovery 6
4, 5, 6
0% load to 100% load
25
ms
Switching Frequency 3
4, 5, 6
100% load
500
550
600
kHz
Output Response To Step Transient
Load Changes 3, 7
4, 5, 6
4, 5, 6
Load step 50%
100%
Load step 0%
50%
-400
-800
+400
+800
mVpk
Recovery Time, Step Transient Load
Changes 3, 7, 8
4, 5, 6
4, 5, 6
Load step 50%
100%
Load step 0%
 50%
100
2000
s
Output Response Transient Step
Line Changes 3, 6, 9
AMA2805D
AMA2812D
AMA2815D
4, 5, 6
4, 5, 6
4, 5, 6
Input step 16
 40VDC,
100% load
-550
-750
-750
+550
+750
+750
mVpk
Recovery Time Transient Step Line
Changes 3, 6, 9
4, 5, 6
Input step 16
 40VDC,
100% load
1200
s
Turn On Overshoot 3, 10
4, 5, 6
4, 5, 6
0% load
100% load
600
400
mVpk
Turn On Delay 3, 10
4, 5, 6
0% load to 100% load
25
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com