Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVR
Description  350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720105DRVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS720105DRVR Datasheet HTML 1Page - Texas Instruments TPS720105DRVR Datasheet HTML 2Page - Texas Instruments TPS720105DRVR Datasheet HTML 3Page - Texas Instruments TPS720105DRVR Datasheet HTML 4Page - Texas Instruments TPS720105DRVR Datasheet HTML 5Page - Texas Instruments TPS720105DRVR Datasheet HTML 6Page - Texas Instruments TPS720105DRVR Datasheet HTML 7Page - Texas Instruments TPS720105DRVR Datasheet HTML 8Page - Texas Instruments TPS720105DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS720
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.1
Application Information............................................ 14
1
Features .................................................................. 1
8.2
Typical Application .................................................. 15
2
Applications ........................................................... 1
9
Power Supply Recommendations ...................... 17
3
Description ............................................................. 1
10
Layout................................................................... 17
4
Revision History..................................................... 2
10.1
Layout Guidelines ................................................. 17
5
Pin Configuration and Functions ......................... 3
10.2
Layout Example .................................................... 17
6
Specifications......................................................... 3
10.3
Thermal Considerations ........................................ 17
6.1
Absolute Maximum Ratings ...................................... 3
10.4
Power Dissipation ................................................. 18
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 19
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support .................................................... 19
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ........................................ 19
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 19
6.6
Typical Characteristics .............................................. 7
11.4
Trademarks ........................................................... 19
7
Detailed Description ............................................ 12
11.5
Electrostatic Discharge Caution ............................ 19
7.1
Overview ................................................................. 12
11.6
Glossary ................................................................ 19
7.2
Functional Block Diagram ....................................... 12
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 12
Information ........................................................... 20
7.4
Device Functional Modes........................................ 13
12.1
Package Mounting ................................................ 20
8
Application and Implementation ........................ 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (August 2009) to Revision E
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Changes from Revision C (September, 2008) to Revision D
Page
•
Added electrical specifications for DRV package ................................................................................................................... 5
•
Noted electrical specifications for YZU package .................................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com