Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVR
Description  350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720105DRVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS720105DRVR Datasheet HTML 1Page - Texas Instruments TPS720105DRVR Datasheet HTML 2Page - Texas Instruments TPS720105DRVR Datasheet HTML 3Page - Texas Instruments TPS720105DRVR Datasheet HTML 4Page - Texas Instruments TPS720105DRVR Datasheet HTML 5Page - Texas Instruments TPS720105DRVR Datasheet HTML 6Page - Texas Instruments TPS720105DRVR Datasheet HTML 7Page - Texas Instruments TPS720105DRVR Datasheet HTML 8Page - Texas Instruments TPS720105DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS720
www.ti.com
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VBIAS = (VOUT + 1.4 V ) or 2.5 V (whichever is greater); VIN ≥ VOUT +
0.5 V, IOUT = 1 mA, VEN = 1.1 V, COUT = 2.2 μF, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBIAS or
VIN
Input voltage
1.1(1)
V
4.5(2)
VBIAS
Bias voltage
2.5
5.5
V
Output voltage(4)
0.9
3.6
V
Nominal
TJ = 25°C
–3
3
mV
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
Over VBIAS, VIN, IOUT,
VOUT + 0.5 V ≤ VIN ≤ 4.5 V,
–2%
2%
TJ = –40°C to 125°C
0 mA
≤ IOUT ≤ 350 mA
DRV package only:
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
Over VBIAS, VIN, IOUT,
VOUT + 0.5 V ≤ VIN ≤ 4.5 V,
–25
25
mV
TJ = –40°C to 125°C
VOUT
(3)
Output
0 mA
≤ IOUT ≤ 350 mA,
accuracy
VOUT < 1.2 V
YZU package only:
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
Over VBIAS, VIN, IOUT,
VOUT + 0.5 V ≤ VIN ≤ 4.5 V,
–1%
1%
TJ = –10°C to 85°C
0 mA
≤ IOUT ≤ 350 mA
1.6 V
≤ VOUT ≤ 3.3 V
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
VIN floating
±1%
0
μA ≤ IOUT ≤ 500 μA
ΔVOUT/ΔVIN
VIN line regulation
VIN = (VOUT + 0.5 V) to 4.5 V, IOUT = 1 mA
16
μV/V
VBIAS = (VOUT + 1.4 V) or 2.5 V (whichever is
ΔVOUT/ΔVBIAS VBIAS line regulation
16
μV/V
greater) to 5.5 V, IOUT = 1 mA
VIN line transient
ΔVIN = 400 mV, tRISE = tFALL = 1 μs
±200
μV
VBIAS line transient
ΔVBIAS = 600 mV, tRISE = tFALL = 1 μs
±0.8
mV
ΔVOUT/ΔIOUT
Load regulation
0 mA
≤ IOUT ≤ 350 mA (no load to full load)
–15
μV/mA
Load transient
0 mA
≤ IOUT ≤ 350 mA, tRISE = tFALL = 1 μs
±15
mV
VIN = VOUT(NOM) – 0.1 V,
VDO_IN
VIN dropout voltage
(5)
(VBIAS – VOUT(NOM)) = 1.4 V,
110
200
mV
IOUT = 350 mA
VDO_BIAS
VBIAS dropout voltage
(6)
VIN = VOUT(NOM) + 0.3 V, IOUT = 350 mA
1.09
1.4
V
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
420
525
800
mA
IOUT = 100 μA
38
IGND
Ground pin current
μA
IOUT = 0 mA to 350 mA
54
80
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4 V, TJ = –40°C to 85°C
0.5
2
μA
f = 10 Hz
85
f = 100 Hz
85
VIN – VOUT ≥ 0.5 V,
f = 1 kHz
85
PSRR
VIN power-supply rejection ratio
VBIAS = VOUT + 1.4 V,
dB
f = 10 kHz
80
IOUT = 350 mA
f = 100 kHz
70
f = 1 MHz
50
(1)
Performance specifications are ensured up to a minimum VIN = VOUT + 0.5 V.
(2)
Whichever is less.
(3)
Minimum VBIAS = (VOUT + 1.4 V) or 2.5 V (whichever is greater) and VIN= VOUT + 0.5 V.
(4)
VO nominal value is factory programmable through the onchip EEPROM.
(5)
Measured for devices with VOUT(NOM) ≥ 1.2 V.
(6)
VBIAS – VOUT with VOUT = VOUT(NOM) – 0.1 V. Measured for devices with VOUT(NOM) ≥ 1.8 V.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com