Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVR
Description  350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720105DRVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS720105DRVR Datasheet HTML 1Page - Texas Instruments TPS720105DRVR Datasheet HTML 2Page - Texas Instruments TPS720105DRVR Datasheet HTML 3Page - Texas Instruments TPS720105DRVR Datasheet HTML 4Page - Texas Instruments TPS720105DRVR Datasheet HTML 5Page - Texas Instruments TPS720105DRVR Datasheet HTML 6Page - Texas Instruments TPS720105DRVR Datasheet HTML 7Page - Texas Instruments TPS720105DRVR Datasheet HTML 8Page - Texas Instruments TPS720105DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPS720xx
V
EN
V
BATT
IN
EN
OUT
GND
V
CORE
1.3 V
1.8 V
Standalone
dc/dc
Converter
or PMU
BIAS
C
BIAS
C
OUT
C
IN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS720
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
The TPS720 supports a novel feature in which the
1 Features
output of the LDO regulates under light loads when
1
•
350-mA High-Performance LDO
the IN pin is left floating. The light-load drive current
•
Low Quiescent Current: 38
μA
is sourced from VBIAS under this condition. This
feature
is
particularly
useful
in
power-saving
•
Excellent Load Transient Response:
applications where the DC-DC converter connected
±15 mV for ILOAD = 0 mA to 350 mA in 1 μs
to the IN pin is disabled but the LDO is still required
•
Excellent Line Transient Response:
to regulate the voltage to a light load.
ΔVOUT = ±2 mV for ΔVBIAS = ±600 mV in 1 μs
The TPS720 is stable with ceramic capacitors and
ΔVOUT = ±200 μV for ΔVIN = ±400 mV in 1 μs
uses an advanced BICMOS fabrication process that
•
Low Noise: 48
μVRMS (10 Hz to 100 kHz)
yields a dropout of 110 mV at a 350-mA output load.
•
80 dB VIN PSRR (10 Hz to 10 kHz)
The TPS720 has the unique feature of providing a
monotonic VOUT rise (overshoot limited to 3%) with
•
70 dB VBIAS PSRR (10 Hz to 10 kHz)
VIN inrush current limited to 100 mA + ILOAD with an
•
Fast Start-Up Time: 140
μs
output capacitor of 2.2
μF.
•
Built-In Soft-Start With Monotonic VOUT Rise and
The TPS720 uses a precision voltage reference and
Start-Up Current Limited to 100 mA + ILOAD
feedback loop to achieve overall accuracy of 2% over
•
Overcurrent and Thermal Protection
load, line, process, and temperature extremes. An
•
Low Dropout: 110 mV at ILOAD = 350 mA
ultra-small DSBGA package makes the TPS720 ideal
for handheld applications. The TPS720 is also
•
Stable with 2.2-
μF Output Capacitor
available in a SON-8 package. This family of devices
•
Available in 1.33 mm × 0.96 mm DSBGA-5 and 2
is fully specified over the temperature range of
mm × 2 mm SON-6 Packages
TJ = –40°C to 125°C.
2 Applications
Device Information(1)
•
Digital Cameras
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Cellular Camera Phones
DSBGA (5)
1.36 mm × 0.96 mm
TPS720
SON (6)
2.00 mm × 2.00 mm
•
Wireless LAN
•
Handheld Products
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
Simplified Schematic
The TPS720 family of dual rail, low-dropout linear
regulators (LDOs) offers outstanding ac performance
(PSRR, load and line transient response), while
consuming a very low quiescent current of 38
μA.
The VBIAS rail that powers the control circuit of the
LDO draws very low current (on the order of the
quiescent current of the LDO) and can be connected
to any power supply that is equal to or greater than
1.4 V above the output voltage. The main power path
is through VIN, which can be a lower voltage than
VBIAS; it can be as low as VOUT + VDO, increasing the
efficiency of the solution in many power-sensitive
applications. For example, VIN can be an output of a
high-efficiency, DC-DC step-down regulator.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS720105DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720105DRVR TI-TPS720105DRVR Datasheet
926Kb / 22P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVR TI-TPS720105DRVR Datasheet
741Kb / 21P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVR TI1-TPS720105DRVR Datasheet
850Kb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVR TI-TPS720105DRVR Datasheet
1Mb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVR TI1-TPS720105DRVR Datasheet
983Kb / 28P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS720105DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720 TI-TPS720 Datasheet
552Kb / 19P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
logo
Analog Devices
ADP130 AD-ADP130 Datasheet
491Kb / 20P
350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72009 TI1-TPS72009 Datasheet
850Kb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
500 mA ultra-low dropout linear regulator with bias supply
09-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com