Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVT
Description  350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720105DRVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS720105DRVT Datasheet HTML 8Page - Texas Instruments TPS720105DRVT Datasheet HTML 9Page - Texas Instruments TPS720105DRVT Datasheet HTML 10Page - Texas Instruments TPS720105DRVT Datasheet HTML 11Page - Texas Instruments TPS720105DRVT Datasheet HTML 12Page - Texas Instruments TPS720105DRVT Datasheet HTML 13Page - Texas Instruments TPS720105DRVT Datasheet HTML 14Page - Texas Instruments TPS720105DRVT Datasheet HTML 15Page - Texas Instruments TPS720105DRVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
IN
EN
OUT
BIAS
TPS720
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPS720 belongs to a family of new generation LDO regulators that use innovative circuitry to achieve ultra-
wide bandwidth and high loop gain, resulting in extremely high PSRR (up to 1 MHz) at very low headroom (VIN –
VOUT). The implementation of the BIAS pin on the TPS720 vastly improves efficiency of low VOUT applications by
allowing the use of a preregulated, low-voltage input supply. The TPS720 supports a novel feature in which the
output of the LDO regulates under light loads (<500
μA) when the IN pin is left floating. The light-load drive
current is sourced from VBIAS under this condition. This feature is particularly useful in power-saving applications
where the DC-DC converter connected to the IN pin is disabled but the LDO is still required to regulate the
voltage to a light load. These features, combined with low noise, low ground pin current, and ultra-small
packaging, make this device ideal for portable applications. This family of regulators offers sub-bandgap output
voltages, current limit and thermal protection, and is fully specified from –40°C to 125°C.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Internal Current Limit
The TPS720 internal current limits help protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of output voltage. In such a case, the output
voltage is not regulated, and is VOUT = ILIMIT × RLOAD. The NMOS pass transistor dissipates (VIN – VOUT) × ILIMIT
until thermal shut down is triggered and the device is turned off. As the device cools down, it is turned on by the
internal thermal shutdown circuit. If the fault condition continues, the device cycles between current limit and
thermal shutdown. See the Thermal Considerations section for more details.
The NMOS pass element in the TPS720 has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of rated output current is recommended.
7.3.2 Inrush Current Limit
The TPS720 family of LDO regulators implement a novel inrush current limit circuit architecture: the current
drawn through the IN pin is limited to a finite value. This IINRUSHLIMIT charges the output to its final voltage. All the
current drawn through VIN goes to charge the output capacitance when the load is disconnected. The following
equation shows the inrush current limit performed by the circuit:
IINRUSHLIMIT(A) = COUT(μF) × 0.0454545 (V/μs) + ILOAD(A)
(1)
12
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com