Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVT
Description  350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720105DRVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS720105DRVT Datasheet HTML 11Page - Texas Instruments TPS720105DRVT Datasheet HTML 12Page - Texas Instruments TPS720105DRVT Datasheet HTML 13Page - Texas Instruments TPS720105DRVT Datasheet HTML 14Page - Texas Instruments TPS720105DRVT Datasheet HTML 15Page - Texas Instruments TPS720105DRVT Datasheet HTML 16Page - Texas Instruments TPS720105DRVT Datasheet HTML 17Page - Texas Instruments TPS720105DRVT Datasheet HTML 18Page - Texas Instruments TPS720105DRVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TPS720xx
V
EN
V
BATT
IN
EN
OUT
GND
V
CORE
1.3 V
1.8 V
Standalone
dc/dc
Converter
or PMU
BIAS
C
BIAS
C
OUT
C
IN
TPS720
www.ti.com
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
Application Information (continued)
8.1.3 Dropout Voltage
The TPS720 uses a NMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the NMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(ON) of the NMOS pass element. VDO approximately scales with output current because the NMOS device
behaves as a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout.
This effect is shown in Figure 19.
8.1.4 Transient Response
As with any regulator, increasing the size of the output capacitor reduces overshoot and undershoot magnitude
but increases duration of the transient response.
8.1.5 Minimum Load
The TPS720 is stable with no output load. Traditional LDOs suffer from low loop gain at very light output loads.
The TPS720 employs an innovative, low-current mode circuit under very light or no-load conditions, resulting in
improved output voltage regulation performance reduced to zero output current.
8.2 Typical Application
Figure 28. Typical Application Schematic
8.2.1 Design Requirements
Table 1 shows the parameters for this design example.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VIN
1.8 V
VBIAS
2.7 V
VOUT
1.3 V
IOUT
10-mA typical, 350-mA peak
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com