Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVT
Description  350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720105DRVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS720105DRVT Datasheet HTML 10Page - Texas Instruments TPS720105DRVT Datasheet HTML 11Page - Texas Instruments TPS720105DRVT Datasheet HTML 12Page - Texas Instruments TPS720105DRVT Datasheet HTML 13Page - Texas Instruments TPS720105DRVT Datasheet HTML 14Page - Texas Instruments TPS720105DRVT Datasheet HTML 15Page - Texas Instruments TPS720105DRVT Datasheet HTML 16Page - Texas Instruments TPS720105DRVT Datasheet HTML 17Page - Texas Instruments TPS720105DRVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Microcontroller
TPS720xx
TPS62xxx
VIN
EN
SW
FB
IN
OUT
BIAS
EN
GND
2.2mF
10mF
10mH
2.5Vto5.5V
Controltoturnon/offthedc/dc
Outputofdc/dcisfloatingwhen
theTPS62xxxENpinislow
GND
TPS720
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability on the IN pin, it is good analog design practice to connect
a 0.1-
μF to 1-μF low equivalent series resistance (ESR) capacitor across the IN pin input supply near the
regulator. This capacitor counteracts reactive input sources and improves transient response, noise rejection,
and ripple rejection. A higher-value capacitor may be necessary if large, fast rise-time load transients are
anticipated, or if the device is located close to the power source. If source impedance is not sufficiently low, a
0.1-
μF input capacitor may be necessary to ensure stability.
The BIAS pin does not require an input capacitor because it does not source high currents. However, if source
impedance is not sufficiently low, then TI recommends a small 0.1-
μF bypass capacitor.
The TPS720 is designed to be stable with standard ceramic capacitors with values of 2.2
μF or larger at the
output. X5R- and X7R-type capacitors are best because they have minimal variation in value and ESR over
temperature. Maximum ESR should be less than 250 m
Ω.
8.1.2 Output Regulation With IN Pin Floating
The TPS720 supports a novel feature in which the output of the LDO regulates under light loads when the IN pin
is left floating. Under normal conditions, when the IN pin is connected to a power source, the BIAS pin draws
only tens of milliamperes. However, when the IN pin is floating, an innovative circuit is used that allows a
maximum current of 500
μA to be drawn by the load through the BIAS pin, while maintaining the output in
regulation. This feature is particularly useful in power-saving applications where a DC-DC converter connected to
the IN pin is disabled, but the LDO is required to regulate the output voltage to a light load.
Figure 27 shows an application example where a microcontroller is not turned off (to maintain the state of the
internal memory), but where the regulated supply (shown as the TPS62xxx) is turned off to reduce power. In this
case, the TPS720 BIAS pin provides sufficient load current to maintain a regulated voltage to the microcontroller.
Figure 27. Example of Floating IN Pin Regulation
14
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com