Electronic Components Datasheet Search
  English  ▼

X  

Z16FMC Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z16FMC
Description  USB Smart Cable with opto-isolator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z16FMC Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z16FMC Datasheet HTML 9Page - Zilog, Inc. Z16FMC Datasheet HTML 10Page - Zilog, Inc. Z16FMC Datasheet HTML 11Page - Zilog, Inc. Z16FMC Datasheet HTML 12Page - Zilog, Inc. Z16FMC Datasheet HTML 13Page - Zilog, Inc. Z16FMC Datasheet HTML 14Page - Zilog, Inc. Z16FMC Datasheet HTML 15Page - Zilog, Inc. Z16FMC Datasheet HTML 16Page - Zilog, Inc. Z16FMC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
UM023402-0811
MC MDS Module Description
Z16FMC™ Series Motor Control Development Kit
User Manual
7
NC
41
n/a
No Connect.
NC
42
n/a
No Connect.
NC
43
n/a
No Connect.
NC
44
n/a
No Connect.
PA6_SCL
45
I/O
Port A[6]; used for general purpose I/O or SCL.
GND
46
n/a
Ground.
PA7_SDA
47
I/O
Port A[7]; used for general purpose I/O or SDA.
GND
48
n/a
Ground.
NC
49
n/a
No Connect.
NC
50
n/a
No Connect.
NC
51
n/a
No Connect.
NC
52
n/a
No Connect.
RESET
53
n/a
SET is active Low.
PH3_ANA11
54
I/O
Port H[3]; used for general purpose I/O or ANA11.
VCC_3v3
55
n/a
3.3VDC Power.
GND
56
n/a
Ground.
NC
57
n/a
No Connect.
NC
58
n/a
No Connect.
VCC_3v3
59
n/a
3.3VDC Power.
NC
60
n/a
No Connect.
Table 1. Connector JP2 Signal Descriptions (Continued)
Signal
Pins
Direction
(with respect
to MCU)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com