Electronic Components Datasheet Search
  English  ▼

X  

Z16FMC Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z16FMC
Description  USB Smart Cable with opto-isolator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z16FMC Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z16FMC Datasheet HTML 15Page - Zilog, Inc. Z16FMC Datasheet HTML 16Page - Zilog, Inc. Z16FMC Datasheet HTML 17Page - Zilog, Inc. Z16FMC Datasheet HTML 18Page - Zilog, Inc. Z16FMC Datasheet HTML 19Page - Zilog, Inc. Z16FMC Datasheet HTML 20Page - Zilog, Inc. Z16FMC Datasheet HTML 21Page - Zilog, Inc. Z16FMC Datasheet HTML 22Page - Zilog, Inc. Z16FMC Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
UM023402-0811
Schematic Diagrams
Z16FMC™ Series Motor Control Development Kit
User Manual
13
Schematic Diagrams
Figures 7 through 9 display schematics for the 3-Phase Motor Control Application Board.
Figure 7. 3-Phase Motor Control Application Board Schematic, #1 of 3
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
V+
PHASE_A
PHASE_B
PHASE_B
PHASE_B
PHASE_C
GATE_AH
GATE_AL
GATE_BL
GATE_BH
GATE_CH
GATE_CL
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+VDC
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
+BUS
GND
TH
CS+
CS-
TH
Title
Size
Document Number
Rev
Date:
Sheet
of
96C0960-001
C
3 PHASE MOTOR CONTROL APPLICATION BOARD
A
13
Monday, April 26, 2010
Title
Size
Document Number
Rev
Date:
Sheet
of
96C0960-001
C
3 PHASE MOTOR CONTROL APPLICATION BOARD
A
13
Monday, April 26, 2010
Title
Size
Document Number
Rev
Date:
Sheet
of
96C0960-001
C
3 PHASE MOTOR CONTROL APPLICATION BOARD
A
13
Monday, April 26, 2010
3 PHASE POWER STAGE
HEATSINK TEMP SENSOR
AB
C
R5
10.00k
R5
10.00k
Q3
IXTP64N055T
Q3
IXTP64N055T
+
C4
3300uF 50V
+
C4
3300uF 50V
Q2
IXTP64N055T
Q2
IXTP64N055T
R4
NTC 10k
R4
NTC 10k
P5
P5
P2
P2
Q1
IXTP64N055T
Q1
IXTP64N055T
F1
5A FUSE
F1
5A FUSE
Q6
IXTP64N055T
Q6
IXTP64N055T
R6
150k
R6
150k
R3
10.0k
R3
10.0k
C3
0.1uF 50V
C3
0.1uF 50V
Q5
IXTP64N055T
Q5
IXTP64N055T
C2
0.1uF 50V
C2
0.1uF 50V
P4
P4
R2
10.0k
R2
10.0k
+
C5
3300uF 50V
+
C5
3300uF 50V
P1
P1
C1
0.1uF 50V
C1
0.1uF 50V
R1
0.100 OHM
R1
0.100 OHM
Q4
IXTP64N055T
Q4
IXTP64N055T
P3
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com