Electronic Components Datasheet Search
  English  ▼

X  

Z16FMC Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z16FMC
Description  USB Smart Cable with opto-isolator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z16FMC Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z16FMC Datasheet HTML 17Page - Zilog, Inc. Z16FMC Datasheet HTML 18Page - Zilog, Inc. Z16FMC Datasheet HTML 19Page - Zilog, Inc. Z16FMC Datasheet HTML 20Page - Zilog, Inc. Z16FMC Datasheet HTML 21Page - Zilog, Inc. Z16FMC Datasheet HTML 22Page - Zilog, Inc. Z16FMC Datasheet HTML 23Page - Zilog, Inc. Z16FMC Datasheet HTML 24Page - Zilog, Inc. Z16FMC Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
UM023402-0811
Schematic Diagrams
Z16FMC™ Series Motor Control Development Kit
User Manual
15
Figure 9. 3-Phase Motor Control Application Board Schematic, #3 of 3
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
E
C
A
F
R
E
T
N
I
R
E
W
O
P
D
E
S
U
N
U
96C0960-001
B
3 PHASE MOTOR CONTROL APPLICATION BOARD
A
33
Wednesday, June 08, 2005
Title
v
e
R
r
e
b
m
u
N
t
n
e
m
u
c
o
D
e
z
i
S
t
e
e
h
S
:
e
t
a
D
of
BH
BL
VCC_3.3V
AL
AH
VCC_3.3V
VCC_3.3V
VB
CS+
CL
TH
VA
V+
CH
CS-
VC
JP1
HEADER 30x2/SM
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
57
59
JP2
HEADER 30x2/SM
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
57
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com