Electronic Components Datasheet Search
  English  ▼

X  

TPS71202 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS71202
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71202 Datasheet(HTML) 5 Page - Texas Instruments

  TPS71202 Datasheet HTML 1Page - Texas Instruments TPS71202 Datasheet HTML 2Page - Texas Instruments TPS71202 Datasheet HTML 3Page - Texas Instruments TPS71202 Datasheet HTML 4Page - Texas Instruments TPS71202 Datasheet HTML 5Page - Texas Instruments TPS71202 Datasheet HTML 6Page - Texas Instruments TPS71202 Datasheet HTML 7Page - Texas Instruments TPS71202 Datasheet HTML 8Page - Texas Instruments TPS71202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
IN (V)
+25
_C
+125
_C
−40_C
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
50
100
150
200
250
I
OUT (mA)
+25
_C
−40_C
+125
_C
1.0
0.5
0
−0.5
−1.0
−1.5
Junction Temperature (
_C)
−40 −25 −10 5
20
35
50
65
80
95
110 125
I
OUT = 10 mA
I
OUT = 250 mA
I
OUT = 125 mA
200
180
160
140
120
100
80
60
40
20
0
2.7
3.1
3.3
3.5
3.9
4.1
4.3
4.5 4.7
4.9
V
IN (V)
T
J = −40_ C
T
J = +25_ C
T
J = +125_ C
3.7
2.9
200
150
100
50
0
0
50
100
150
200
250
I
OUT (mA)
T
J = +25_ C
T
J = −40_ C
T
J = +125_ C
250
200
150
100
50
0
−40 −25 −10 5
20
35
50
65
80
95
110 125
I
OUT = 250 mA
Junction Temperature (
°C)
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
www.ti.com
SBVS049D – MAY 2004 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,VEN = 1.2 V, COUT = 2.2 mF, and CNR = 0.01 mF,
unless otherwise noted.
OUTPUT VOLTAGE vs INPUT VOLTAGE
OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 1.
Figure 2.
DROPOUT VOLTAGE vs INPUT VOLTAGE
OUTPUT VOLTAGE vs TEMPERATURE
(ADJUSTABLE VERSION)
Figure 3.
Figure 4.
TPS71256
TPS71256
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs JUNCTION TEMPERATURE
Figure 5.
Figure 6.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com