Electronic Components Datasheet Search
  English  ▼

X  

TPS71202 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS71202
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71202 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS71202 Datasheet HTML 5Page - Texas Instruments TPS71202 Datasheet HTML 6Page - Texas Instruments TPS71202 Datasheet HTML 7Page - Texas Instruments TPS71202 Datasheet HTML 8Page - Texas Instruments TPS71202 Datasheet HTML 9Page - Texas Instruments TPS71202 Datasheet HTML 10Page - Texas Instruments TPS71202 Datasheet HTML 11Page - Texas Instruments TPS71202 Datasheet HTML 12Page - Texas Instruments TPS71202 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TPS712xx
GND
EN2
NR
IN
OUT1
EN1
OUT2
V
IN
V
OUT1
V
OUT2
0.1
µF
2.2
µF
2.2
µF
0.01
µF
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
www.ti.com
SBVS049D – MAY 2004 – REVISED AUGUST 2010
APPLICATION INFORMATION
1.8 V or less is chosen, the minimum recommended
The TPS712xx family of dual low-dropout (LDO)
output capacitor is 4.7 mF. Any ceramic capacitor that
regulators
has
been
optimized
for
use
in
meets the minimum output capacitor requirements is
noise-sensitive
battery-operated
equipment.
The
suitable. Capacitors with higher ESR may be used,
device features extremely low dropout, high PSRR,
provided the ESR is less than 1
Ω.
ultralow output noise, and low quiescent current
(190 mA typical per channel). When both outputs are
OUTPUT NOISE
disabled, the supply currents are reduced to less than
2 mA. A typical application circuit is shown in
The internal voltage reference is a key source of
Figure 24.
noise in an LDO regulator. The TPS712xx has an NR
pin that is connected to the voltage reference through
a 250 k
Ω internal resistor. The 250 kΩ internal
resistor, in conjunction with an external ceramic
bypass capacitor connected to the NR pin, creates a
low-pass filter to reduce the voltage reference noise
and, therefore, the noise at the regulator output. To
achieve a fast startup, the 250 k
Ω internal resistor is
shorted for 400 ms after the device is enabled.
Because the primary noise source is the internal
voltage reference, the output noise will be greater for
higher output voltage versions. For the case where
no noise reduction capacitor is used, the typical noise
Figure 24. Typical Application Circuit
(mVrms) over 10 Hz to 100 kHz is 80 times the output
(fixed-voltage versions)
voltage. If a 0.01 mF capacitor is used from the NR
pin to ground, the noise (mVrms) drops to 11.8 times
INPUT AND OUTPUT CAPACITOR
the output voltage. For example, the TPS71256
REQUIREMENTS
exhibits only 33 mVrms of output voltage noise using
a 0.01 mF ceramic bypass capacitor and a 2.2 mF
A 0.1 mF or larger ceramic input bypass capacitor,
ceramic output capacitor.
connected between IN and GND and located close to
the TPS712xx, is required for stability. It improves
STARTUP CHARACTERISITCS
transient
response,
noise
rejection,
and
ripple
rejection. A higher-value input capacitor may be
To minimize startup overshoot, the TPS712xx will
necessary if large, fast-rise-time load transients are
initially target an output voltage that is approximately
anticipated and the device is located several inches
80% of the final value. To avoid a delayed startup
from the power source.
time, noise reduction capacitors of 0.01 mF or less
are recommended. Larger noise reduction capacitors
The
TPS712xx
requires
an
output
capacitor
will cause the output to hold at 80% until the voltage
connected between the outputs and GND to stabilize
on the noise reduction capacitor exceeds 80% of the
the
internal
control
loops.
The
minimum
bandgap voltage. The typical startup time with a
recommended output capacitor is 2.2 mF. If an output
0.001 mF noise reduction capacitor is 60 ms. Once
voltage
of
one of the output voltages is present, the startup time
of the other output will not be affected by the noise
reduction capacitor.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com