Electronic Components Datasheet Search
  English  ▼

X  

TPS71202 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS71202
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71202 Datasheet(HTML) 1 Page - Texas Instruments

  TPS71202 Datasheet HTML 1Page - Texas Instruments TPS71202 Datasheet HTML 2Page - Texas Instruments TPS71202 Datasheet HTML 3Page - Texas Instruments TPS71202 Datasheet HTML 4Page - Texas Instruments TPS71202 Datasheet HTML 5Page - Texas Instruments TPS71202 Datasheet HTML 6Page - Texas Instruments TPS71202 Datasheet HTML 7Page - Texas Instruments TPS71202 Datasheet HTML 8Page - Texas Instruments TPS71202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Actual Size
(3 mm x 3 mm)
EN1
FB1/NC
EN2
FB2/NC
NR
10
9
8
7
6
IN
NC
OUT1
OUT2
GND
1
2
3
4
5
DRC PACKAGE
3mm x 3mm SON
(TOP VIEW)
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
PSRR (RIPPLE REJECTION) vs FREQUENCY
V
OUT = 2.8 V
C
OUT = 2.2 µF
C
NR = 0.01 µF
I
OUT = 1 mA
I
OUT = 250 mA
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
www.ti.com
SBVS049D – MAY 2004 – REVISED AUGUST 2010
Dual 250 mA Output, UltraLow Noise, High PSRR,
Low-Dropout Linear Regulator
Check for Samples: TPS71202, TPS71219, TPS71229, TPS71247, TPS71256, TPS71257
1
FEATURES
DESCRIPTION
•
Dual 250 mA High-Performance RF LDOs
The TPS712xx family of low-dropout (LDO) voltage
regulators is tailored to noise-sensitive and RF
•
Available in Fixed and Adjustable
applications. These products feature dual 250 mA
Voltage Options (1.2 V to 5.5 V)
LDOs with ultralow noise, high power-supply rejection
•
High PSRR: 65 dB at 10 kHz
ratio
(PSRR),
and
fast
transient
and
start-up
•
UltraLow Noise: 32 mVrms
response. Each regulator output is stable with
low-cost 2.2 mF ceramic output capacitors and
•
Fast Start-Up Time: 60 ms
features very low dropout voltages (125 mV typical at
•
Stable with 2.2 mF Ceramic Capacitor
250 mA). Each regulator achieves fast start-up times
•
Excellent Load/Line Transient Response
(approximately 60 ms with a 0.001 mF bypass
capacitor)
while
consuming
very
low
quiescent
•
Very Low Dropout Voltage: 125 mV at 250 mA
current (300 mA typical with both outputs enabled).
•
Independent Enable Pins
When the device is placed in standby mode, the
•
Thermal Shutdown and Independent Current
supply current is reduced to less than 0.3 mA typical.
Limit
Each regulator exhibits approximately 32 mVrms of
output voltage noise with VOUT = 2.8 V and a 0.01 mF
•
Available in Thermally-Enhanced SON
noise reduction (NR) capacitor. Applications with
Package: 3mm x 3mm x 1mm
analog components that are noise-sensitive, such as
portable RF electronics, will benefit from high PSRR,
APPLICATIONS
low noise, and fast line and load transient features.
•
Cellular and Cordless Phones
The TPS712 family is offered in a thin 3mm x 3mm
•
Wireless PDA/Handheld Products
SON package and is fully specified from -40°C to
•
PCMCIA/Wireless LAN Applications
+125°C (TJ).
•
Digital Camera/Camcorder/Internet Audio
•
DSP/FPGA/ASIC/Controllers and Processors
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
546Kb / 28P
SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI-TPS71202 Datasheet
209Kb / 8P
Power for C5504/05
TPS71202 TI-TPS71202 Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI2-TPS71202 Datasheet
1,009Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
REVISED AUGUST 2010
More results

Similar Description - TPS71202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com