Electronic Components Datasheet Search
  English  ▼

X  

ARM2815T Datasheet(PDF) 7 Page - International Rectifier

Part # ARM2815T
Description  HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2815T Datasheet(HTML) 7 Page - International Rectifier

Back Button ARM2815T Datasheet HTML 3Page - International Rectifier ARM2815T Datasheet HTML 4Page - International Rectifier ARM2815T Datasheet HTML 5Page - International Rectifier ARM2815T Datasheet HTML 6Page - International Rectifier ARM2815T Datasheet HTML 7Page - International Rectifier ARM2815T Datasheet HTML 8Page - International Rectifier ARM2815T Datasheet HTML 9Page - International Rectifier ARM2815T Datasheet HTML 10Page - International Rectifier ARM2815T Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ARM28XXT SERIES
(28V Input, Triple Output)
7
2016-07-01
Effectiveness of this heat transfer is dependent on the
intimacy of the baseplate-heatsink interface. It is therefore
suggested that a heat transferring medium possessing
good thermal conductivity is inserted between the baseplate and
heat sink. A material utilized at the factory during testing
and burn-in processes is sold under the trade name of
Sil-Pad4001.This particular product is an insulator but
electrically conductive versions are also available. Use of
these materials assures optimum surface contact with the
heat dissipater by compensating for minor surface variations.
While other available types of heat conducting materials
and thermal compounds provide similar effectiveness,
these alternatives are often less convenient and are frequently
messy to use.
A conservative aid to estimating the total heat sink surface area
(AHEAT SINK) required to set the maximum case temperature rise
(
T) above ambient temperature is given by the following ex-
pression:
Where
As an example, assume that it is desired to maintain the
case temperature of an ARM2815T at +65°C or less while
operating in an open area whose ambient temperature
does not exceed +35°C; then
T = 65 - 35 = 35°C
From the Specification Table, the worst case full load efficiency for
this device is 80%; therefore the maximum power dissipation at
full load is given by
and the required heat sink area is
1Sil-Pad is a registered Trade Mark of Bergquist, Minneapolis, MN
Thus, a total heat sink surface area (including fins, if any)
of approximately 32 in2 in this example, would limit case
rise to 35°C above ambient. A flat aluminum plate, 0.25"
thick and of approximate dimension 4" by 4" (16 in2 per side)
would suffice for this application in a still air environment. Note
that to meet the criteria, both sides of the plate require
unrestricted exposure to the ambient air.
Inhibiting Converter Output
Fig. II. Enable Input Equivalent Circuit
Synchronization
As an alternative to application and removal of the DC
voltage to the input, the user can control the converter
output by providing an input referenced, TTL compatible,
logic signal to the enable pin 3. This port is internally
pulled “high” so that when not used, an open connection
on the pin permits normal converter operation. When inhibited
outputs are desired, a logical “low” on this port will shut
the converter down. An open collector device capable of
sinking at least 100 µA connected to enable pin 3 will
work well in this application.
A benefit of utilization of the enable input is that following
initial charge of the input capacitor, subsequent turn-on
commands will induce no uncontrolled current inrush.
A HEATSINK
 
T
P
80
594
085
143
.
.
.
T
PP
Eff
OUT

Case temperature rise above ambient
Device dissipation in Watts
1
1

P


30
1
80
130 0 25
7 5
.
.. W
A
=
35
80 7.5
in
HEAT SINK
0.85

143
2
594 318
.
..
5K
2N2907A
150K
Enable
Input
Input
Return
150K
2N2222A
2N2222A
V
in
64K
186K
150K
5.6 V
Converter inhibit is initiated when
this transistor is turned off
When using multiple converters, system requirements
may dictate operating several converters at a common
system frequency. To accommodate this requirement, the
ARM28XXT type converter provides a synchronization
input port (pin 4). Circuit topology is as illustrated in Fig. III.
The sync input port permits synchronization of an ARM
converter to any compatible external frequency source
operating in the band of 225 to 310 kHz. The synchronization
input is edge triggered with synchronization initiated on
the negative transition. This input signal should be a negative
going pulse referenced to the input return and have a 20%
to 80% duty cycle. Compatibility requires the negative transition
time to be less than 100 ns with a minimum pulse amplitude of
+4.25 volts referred to the input return. In the event of
failure of an external synchronization source, the converter will
revert to its own internally set frequency. When external
synchronization is not desired, the sync in port may be left
open (unconnected) permitting the converter to operate at its’
own internally set frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com