Electronic Components Datasheet Search
  English  ▼

X  

ARM2815T Datasheet(PDF) 8 Page - International Rectifier

Part # ARM2815T
Description  HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2815T Datasheet(HTML) 8 Page - International Rectifier

Back Button ARM2815T Datasheet HTML 4Page - International Rectifier ARM2815T Datasheet HTML 5Page - International Rectifier ARM2815T Datasheet HTML 6Page - International Rectifier ARM2815T Datasheet HTML 7Page - International Rectifier ARM2815T Datasheet HTML 8Page - International Rectifier ARM2815T Datasheet HTML 9Page - International Rectifier ARM2815T Datasheet HTML 10Page - International Rectifier ARM2815T Datasheet HTML 11Page - International Rectifier ARM2815T Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ARM28XXT SERIES
(28V Input, Triple Output)
8
2016-07-01
Output Short Circuit Protection
Input Under voltage Protection
A minimum voltage is required at the input of the converter to
initiate operation. This voltage is set to a nominal value of
16.8 volts. To preclude the possibility of noise or other
variations at the input falsely initiating and halting converter
operation, a hysteresis of approximately 1.0 volts is incorporated in
this circuit. The converter is guaranteed to operate at 19 Volts
input under all specified conditions.
Input Filter
Protection against accidental short circuits on any output
is provided in the ARM28XXT converters. This protection
is implemented by sensing primary switching current and,
when an over-current condition is detected, switching action is
terminated and a restart cycle is initiated. If the short circuit
condition has not been cleared by the time the restart
cycle has completed, another restart cycle is initiated.
The sequence will repeat until the short circuit condition is
cleared at which time the converter will resume normal
operation. The effect is that during a shorted condition, a
series of narrow pulses are generated at approximately
5% duty cycle which periodically sample the state of the
load. Thus device power dissipation is greatly reduced
during this mode of operation.
Fig. III. Synchronization Input Equivalent Circuit
Parallel Operation
Although no special provision for forced current sharing
has been incorporated in the ARM28XXT Series, multiple
units may be operated in parallel for increased output
power applications. The 5 volt outputs will typically share
to within approximately 10% of their full load capability
and the dual (±15 volt) outputs will typically share to within
50% of their full load. Load sharing is a function of the
individual impedance of each output and the converter
with the highest nominal set voltage will furnish the predominant
load current.
Additional Filtering
To attenuate input ripple current, the ARM28XXT Series
converters incorporate a single stage LC input filter. The
elements of this filter comprise the dominant input load
impedance characteristic, and therefore determine the
nature of the current inrush at turn-on.The input filter circuit
elements are as shown in Fig. IV.
Fig. IV. Input Filter Circuit
Although internal filtering is provided at both the input and
output terminals of the ARM2800 series, additional filtering may
be desirable in some applications to accommodate more
stringent system requirements.
While the internal input filter of Fig. IV keeps input ripple
current below 100 mAp-p, an external filter is available that
will further attenuate this ripple content to a level
below the CE03 limits imposed by MIL-STD-461B. Fig. V
is a general diagram of the Advanced Analog ARF461
filter module designed to operate in conjunction with the
ARM2800 Series converters to provide that attenuation.
5K
2N2907A
5K
47pf
Sync
Input
Input
Return
+10V
+ Input
Input
Return
3.6 µH
5.4 µfd
10
Fig. V. ARF461 Input EMI Filter
This circuit as shown in Fig. V is constructed using the
same quality materials and processes as those employed
in the ARM2800 Series converters and is intended for use
in the same environments. This filter is fabricated in a
complementary package style whose output pin configuration
allows pin to pin connection between the filter and the
converter. More complete information on this filter can be
obtained from the ARF461 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com