Electronic Components Datasheet Search
  English  ▼

X  

CDCV850 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCV850
Description  2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV850 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCV850 Datasheet HTML 5Page - Texas Instruments CDCV850 Datasheet HTML 6Page - Texas Instruments CDCV850 Datasheet HTML 7Page - Texas Instruments CDCV850 Datasheet HTML 8Page - Texas Instruments CDCV850 Datasheet HTML 9Page - Texas Instruments CDCV850 Datasheet HTML 10Page - Texas Instruments CDCV850 Datasheet HTML 11Page - Texas Instruments CDCV850 Datasheet HTML 12Page - Texas Instruments CDCV850 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CDCV850, CDCV850I
2.5V PHASE LOCK LOOP CLOCK DRIVER
WITH 2LINE SERIAL INTERFACE
SCAS647B − OCTOBER 2000 − REVISED DECEMBER 2002
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
GND
CDCV850
VDD
R = 60
Ω
V(Y)
R = 60
Ω
VDD/2
V(Y)
Figure 1. IBIS Model Output Load (used for slew rate measurement)
CDCV850
SCOPE
C = 4 pF
VDD/2
−VDD/2
Z = 60
Ω
Z = 60
Ω
Z = 50
Ω
Z = 50
Ω
R = 10
Ω
R = 10
Ω
R = 50
Ω
GND
R = 50
Ω
GND
C = 4 pF
−VDD/2
−VDD/2
Figure 2. Output Load Test Circuit
Yx, FBOUT
Yx, FBOUT
tc(n)
tc(n+1)
tjit(cc) = tc(n) − tc(n+1)
Figure 3. Cycle-to-Cycle Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com