Electronic Components Datasheet Search
  English  ▼

X  

CDCV850 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCV850
Description  2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV850 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCV850 Datasheet HTML 7Page - Texas Instruments CDCV850 Datasheet HTML 8Page - Texas Instruments CDCV850 Datasheet HTML 9Page - Texas Instruments CDCV850 Datasheet HTML 10Page - Texas Instruments CDCV850 Datasheet HTML 11Page - Texas Instruments CDCV850 Datasheet HTML 12Page - Texas Instruments CDCV850 Datasheet HTML 13Page - Texas Instruments CDCV850 Datasheet HTML 14Page - Texas Instruments CDCV850 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CDCV850, CDCV850I
2.5V PHASE LOCK LOOP CLOCK DRIVER
WITH 2LINE SERIAL INTERFACE
SCAS647B − OCTOBER 2000 − REVISED DECEMBER 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DUT
CL = 10 pF
VO = 3.3 V
RL = 1 kΩ
GND
TEST CIRCUIT
Start
Condition
(S)
Bit 7
MSB
Bit 6
Bit 0
LSB
(R/W)
Acknowledge
(A)
Stop
Condition
(P)
4 to N Bytes for Complete Device Programming
tw(SCLL)
tw(SCLH)
tsu(START)
t(BUS)
tr
tf
tPHL
tPLH
tsu(START)
tsu(STOP)
Stop Condition
Repeat Start
Condition
(see Note A)
th(SDATA)
tsu(SDATA)
tr(SDATA)
th(START)
tf(SDATA)
Start or Repeat Start
Condition
VOLTAGE WAVEFORMS
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
SCLOCK
SDATA
BYTE
DESCRIPTION
1
2
3
4
5 − N
Slave Address
Common (Dummy Value, Ignored)
Byte Count = N
Data Byte 0
Data Byte 1 − N
NOTE A: The repeat start condition is supported. If PWRDWN# is asserted SDATA will be set to off-state, high impedance.
Figure 10. Propagation Delay Times, tr and tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com