Electronic Components Datasheet Search
  English  ▼

X  

CDCV850 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCV850
Description  2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV850 Datasheet(HTML) 4 Page - Texas Instruments

  CDCV850 Datasheet HTML 1Page - Texas Instruments CDCV850 Datasheet HTML 2Page - Texas Instruments CDCV850 Datasheet HTML 3Page - Texas Instruments CDCV850 Datasheet HTML 4Page - Texas Instruments CDCV850 Datasheet HTML 5Page - Texas Instruments CDCV850 Datasheet HTML 6Page - Texas Instruments CDCV850 Datasheet HTML 7Page - Texas Instruments CDCV850 Datasheet HTML 8Page - Texas Instruments CDCV850 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CDCV850, CDCV850I
2.5V PHASE LOCK LOOP CLOCK DRIVER
WITH 2LINE SERIAL INTERFACE
SCAS647B − OCTOBER 2000 − REVISED DECEMBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range: VDDQ, AVDD
−0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDDI
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range:
VI (except SCLK and SDATA) (see Notes 1 and 2)
–
0.5 V to VDDQ + 0.5 V
. . . . . . . .
VI (SCLK, SDATA) (see Notes 1 and 2)
–
0.5 V to VDDI + 0.5 V
. . . . . . . . . . . . . . . . . . .
Output voltage range: VO (except SDATA) (see Notes 1 and 2)
–
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . .
VO (SDATA) (see Notes 1 and 2)
–
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DGG package
89
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
–
65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This value is limited to 3.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 4)
MIN
TYP
MAX
UNIT
Supply voltage
VDDQ, AVDD
2.3
2.7
V
Supply voltage
VDDI (see Note 5)
2.3
3.6
V
CLK, CLK, HCSL Buffer only
0
0.24
Low level input voltage, VIL
CLK, CLK
−0.3
VDDQ − 0.4
V
Low level input voltage, VIL
FBIN, FBIN
VDDQ/2 − 0.18
V
SDATA, SCLK
0.3
× VDDI
CLK, CLK, HCSL Buffer only
0.66
0.71
High level input voltage, VIH
CLK, CLK
0.4
VDDQ + 0.3
V
High level input voltage, VIH
FBIN, FBIN
VDDQ/2 + 0.18
V
SDATA, SCLK
0.7
× VDDI
DC input signal voltage (see Note 6)
–0.3
VDDQ + 0.3
V
Differential input signal voltage, VID (see Note 7)
DC
CLK, FBIN
0.36
VDDQ + 0.6
V
Differential input signal voltage, VID (see Note 7)
AC
CLK, FBIN
0.2
VDDQ + 0.6
V
Input differential pair cross-voltage, VIX (see Note 8)
0.45
×(VIH−VIL)
0.55
×(VIH−VIL)
V
High-level output current, IOH
−12
mA
Low-level output current, IOL
12
V
Low-level output current, IOL
SDATA
3
mA
Input slew rate, SR (see Figure 8)
1
4
V/ns
SSC modulation frequency
30
33.3
kHz
SSC clock input frequency deviation
0
−0.50
kHz
Operating free-air temperature, TA
Commericial
0
85
°C
Operating free-air temperature, TA
Industrial
−40
85
°C
NOTES:
4. Unused inputs must be held high or low to prevent them from floating.
5. All devices on the serial interface bus, with input levels related to VDDI, must have one common supply line to which the pullup resistor
is connected to.
6. DC input signal voltage specifies the allowable dc execution of differential input.
7. Differential input signal voltage specifies the differential voltage |VTR − VCP| required for switching, where VTR is the true input level
and VCP is the complementary input level.
8. Differential cross-point voltage is expected to track variations of VCC and is the voltage at which the differential signals must be
crossing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com