Electronic Components Datasheet Search
  English  ▼

X  

CH7006C Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # CH7006C
Description  Digital PC to TV Encoder Features
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7006C Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button CH7006C Datasheet HTML 22Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 23Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 24Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 25Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 26Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 27Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 28Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 29Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
CHRONTEL
CH7006C
26
201-0000-026 Rev 2.1, 8/2/99
Transfer Protocols (continued)
AutoInc
Register Address Auto-Increment - to facilitate sequential R/W of registers.
“1”:
Auto-Increment enabled (auto-increment mode).
Write: After writing data into a register, the Address Register will automatically be
incremented by one.
Read: Before loading data from a register to the on-chip temporary register (getting ready to
be serially read), the Address Register will automatically be incremented by one.
However, for the first read after an RAB, the Address Register will not be changed.
“0”:
Auto-Increment disabled (alternating mode).
Write: After writing data into a register, the Address Register will remain unchanged until a
new RAB is written.
Read: Before loading data from a register to the on-chip temporary register (getting ready to
be serially read), the Address Register will remain unchanged.
AR[5:0]
Specifies the Address of the Register to be Accessed.
This register address is loaded into the Address Register of the CH7006. The R/W access, which
follows, is directed to the register specified by the content stored in the Address Register.
The following two sections describe the operation of the serial interface for the four combinations of R/W = 0,1 and
AutoInc = 0,1.
CH7006 Write Cycle Protocols (R/W = 0)
Data transfer with acknowledge is required. The acknowledge-related clock pulse is generated by the master-
transmitter. The master-transmitter releases the SD line (HIGH) during the acknowledge clock pulse. The slave-
receiver must pull down the SD line, during the acknowledge clock pulse, so that it remains stable LOW during the
HIGH period of the clock pulse. The CH7006 always acknowledges for writes (see Figure 21). Note that the
resultant state on SD is the wired-AND of data outputs from the transmitter and receiver.
Figure 21: Acknowledge on the Bus
Figure 22 shows two consecutive alternating write cycles for AutoInc = 0 and R/W = 0. The byte of information,
following the Register Address Byte (RAB), is the data to be written into the register specified by AR[5:0]. If
AutoInc = 0, then another RAB is expected from the master device, followed by another data byte, and so on.
SC from
Master
SD Data Output
By the CH7006
Start
Condition
2
SD Data Output
By Master-Transmitter
1
8
9
not acknowledge
acknowledge
clock pulse for
acknowledgment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com