Electronic Components Datasheet Search
  English  ▼

X  

CH7006C Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CH7006C
Description  Digital PC to TV Encoder Features
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7006C Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CH7006C Datasheet HTML 9Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 10Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 11Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 12Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 13Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 14Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 15Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 16Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
201-0000-026 Rev 2.1, 8/2/99
13
CHRONTEL
CH7006C
Display Modes (continued)
t is disigned to support output to either NTSC or PAL television formats. The CH7005 provides interpolated scaling
with selectable factors of 5:4, 1:1, 7:8, 5:6, 3:4 and 7:10 in order to support adjustable overscan or underscan
operation when displayed on a TV. This combination of factors results in a matrix of useful operating modes which
are listed in detail in Table 10.
(1) Note:Percent underscan is a calculated value based on average viewable lines on each TV format, assuming an average TV over-
scan
of 10%. (Negative values) indicate modes which are operating in underscan.
For NTSC: 480 active lines - 10% (overscan) = 432 viewable lines (average)
For PAL:
576 active lines - 10% (overscan) = 518 viewable lines (average)
The inclusion of multiple levels of scaling for each resolution have been created to enable optimal use of the
CH7006 for different application needs. In general, underscan (modes where percent overscan is negative provides
an image that is viewable in its entirety on screen; it should be used as the default for most applications (e.g.,
viewing text screens, operating games, running productivity applications and working within Windows).
Overscanning provides an image that extends past the edges of the TV screen, exactly like normal television
programs and movies appear on TV, and is only recommended for viewing movies or video clips coming from the
computer. In addition to the above mode table, the CH7006 also support interlaced input modes, both in CCIR 656
and proprietary formats (see Display Mode Register section.)
Flicker Filter and Text Enhancement
The CH7006 integrates an advanced 2-line, 3-line, 4-line and 5-line (depending on mode) vertical deflickering filter
circuit to help eliminate the flicker associated with interlaced displays. This flicker circuit provides an adaptive
filter algorithm for implementing flicker reduction with selections of high, medium or low flicker content for both
luma and chroma channels (see register descriptions). In addition, a special text enhancement circuit incorporates
Table 10. CH7006 Display Modes
TV Format
Standard
Input
(active)
Resolution
Scale
Factor
Active
TV Lines
Percent (1)
Overscan
Pixel
Clock
Horizontal
Total
Vertical
Total
NTSC
640x480
1:1
480
10%
24.671
784
525
NTSC
640x480
7:8
420
(3%)
28.196
784
600
NTSC
640x480
5:6
400
(8%)
30.210
800
630
NTSC
800x600
5:6
500
16%
39.273
1040
630
NTSC
800x600
3:4
450
4%
43.636
1040
700
NTSC
800x600
7:10
420
(3%)
47.832
1064
750
NTSC
640x400
5:4
500
16%
21.147
840
420
NTSC
640x400
1:1
400
(8%)
26.434
840
525
NTSC
640x400
7:8
350
(19%)
30.210
840
600
NTSC
720x400
5:4
500
16%
23.790
945
420
NTSC
720x400
1:1
400
(8%)
29.455
936
525
NTSC
512x384
5:4
480
10%
20.140
800
420
NTSC
512x384
1:1
384
(11%)
24.671
784
525
PAL
640x480
5:4
600
14%
21.000
840
500
PAL
640x480
1:1
480
(8%)
26.250
840
625
PAL
640x480
5:6
400
(29%)
31.500
840
750
PAL
800x600
1:1
600
14%
29.500
944
625
PAL
800x600
5:6
500
(4%)
36.000
960
750
PAL
800x600
3:4
450
(15%)
39.000
936
836
PAL
640x400
5:4
500
(4%)
25.000
1000
500
PAL
640x400
1:1
400
(29%)
31.500
1008
625
PAL
720x400
5:4
500
(4%)
28.125
1125
500
PAL
720x400
1:1
400
(29%)
34.875
1116
625
PAL
512x384
5:4
480
(8%)
21.000
840
500
PAL
512x384
1:1
384
(35%)
26.250
840
625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com