Electronic Components Datasheet Search
  English  ▼

X  

CH7006C Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # CH7006C
Description  Digital PC to TV Encoder Features
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7006C Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button CH7006C Datasheet HTML 14Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 15Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 16Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 17Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 18Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 19Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 20Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 21Page - List of Unclassifed Manufacturers CH7006C Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
CHRONTEL
CH7006C
18
201-0000-026 Rev 2.1, 8/2/99
NTSC and PAL Operation
Composite and S-Video outputs are supported in either NTSC or PAL format.
The general parameters used to
characterize these outputs are listed in Table 13 and shown in Figure 10. (See Figure 13 through 18 for
illustrations of composite and S-Video output waveforms.)
CCIR624-3 Compliance
The CH7006 is predominantly compliant with the recommendations called out in CCIR624-3. The following are the
only exceptions to this compliance:
• The frequencies of Fsc, Fh, and Fv can only be guaranteed in master or pseudo-master modes, not in slave mode
when the graphics device generates these frequencies.
• It is assumed that gamma correction, if required, is performed in the graphics device which establishes the color
reference signals.
• All modes provide the exact number of lines called out for NTSC and PAL modes respectively, except mode 21,
which outputs 800x600 resolution, scaled by 3:4, to PAL format with a total of 627 lines (vs. 625).
• Chroma signal frequency response will fall within 10% of the exact recommended value.
• Pulse widths and rise/fall times for sync pulses, front/back porches, and equalizing pulses are designed to
approximate CCIR624-3 requirements, but will fall into a range of values due to the variety of clock frequencies
used to support multiple operating modes
For this table and all subsequent figures, key values are:
Note:
1. ISET = 360 ohms; V(ISET) = 1.235V; 75 ohms doubly terminated load.
2. Durations vary slightly in different modes due to the different clock frequencies used.
3. Active video and black (F, G, H) times vary greatly due to different scaling ratios used in different modes.
4. Black times (F and H) vary with position controls.
Table 13. NTSC/PAL Composite Output Timing Parameters (in
µS)
Symbol
Description
Level (mV)
Duration (uS)
NTSC
PAL
NTSC
PAL
A
Front Porch
287
300
1.49 - 1.51
1.48 - 1.51
B
Horizontal Sync
0
0
4.69 - 4.72
4.69 - 4.71
C
Breezeway
287
300
0.59 - 0.61
0.88 - 0.92
D
Color Burst
287
300
2.50 - 2.53
2.24 - 2.26
E
Back Porch
287
300
1.55 - 1.61
2.62 - 2.71
F
Black
340
300
0.00 - 7.50
0.00 - 8.67
G
Active Video
340
300
37.66 - 52.67
34.68 - 52.01
H
Black
340
300
0.00 - 7.50
0.00 - 8.67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com