Electronic Components Datasheet Search
  English  ▼

X  

873991 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 873991
Description  LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

873991 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 873991 Datasheet HTML 2Page - Integrated Device Technology 873991 Datasheet HTML 3Page - Integrated Device Technology 873991 Datasheet HTML 4Page - Integrated Device Technology 873991 Datasheet HTML 5Page - Integrated Device Technology 873991 Datasheet HTML 6Page - Integrated Device Technology 873991 Datasheet HTML 7Page - Integrated Device Technology 873991 Datasheet HTML 8Page - Integrated Device Technology 873991 Datasheet HTML 9Page - Integrated Device Technology 873991 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
873991
www.idt.com
REV. A 8/25/15
6
873991
LOW VOLTAGE, LVCMOS/
LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Core Supply Voltage
3.135
3.3
3.465
V
V
CCA
Analog Supply Voltage
3.135
3.3
3.465
V
CCO
Output Supply Voltage
3.135
3.3
3.465
V
I
CC
Power Supply Current
150
mA
I
CCA
Analog Supply Current
15
mA
I
CCO
Output Supply Current
95
mA
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
42.3°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device. These
ratings are stress specifications only. Functional operation of
product at these conditions or any conditions beyond those listed
in the DC Characteristics or AC Characteristics is not implied.
Exposure to absolute maxi-mum rating conditions for extended
periods may affect product reliability.
TABLE 4C. LVPECL DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
PLL_EN, VCO_SEL,
REF_SEL, SYNC_SEL,
FSEL_FB0:FSEL_FB2,
FSEL0:FSEL3, MR
2V
CC + 0.3
V
TEST_CLK
2
V
CC + 0.3
V
V
IL
Input Low Voltage
PLL_EN, VCO_SEL,
REF_SEL, SYNC_SEL,
FSEL_FB0:FSEL_FB2,
FSEL0:FSEL3, MR
-0.3
0.8
V
TEST_CLK
-0.3
1.3
V
I
IH
Input High Current
V
CC = VIN = 3.465V
150
µA
I
IL
Input Low Current
V
IN = 0V, VCC = 3.465V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
PCLK
V
CC = VIN = 3.465V
150
µA
nPCLK
V
CC = VIN = 3.465V
5
µA
I
IL
Input Low Current
PCLK
V
CC = 3.465V, VIN = 0V
-5
µA
nPCLK
V
CC = 3.465V, VIN = 0V
-150
µA
V
PP
Peak-to-Peak Input Voltage
0.3
1
V
V
CMR
Common Mode Input Voltage; NOTE 1, 2
V
EE + 1.5
V
CC
V
V
OH
Output High Voltage; NOTE 3
V
CC - 1.4
V
CC - 0.9
V
V
OL
Output Low Voltage; NOTE 3
V
CC - 2.0
V
CC - 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1
V
NOTE 1: Common mode voltage is defined as V
IH.
NOTE 2: For single ended applications, the maximum input voltage for PCLK, nPCLK is V
CC + 0.3V.
NOTE 3: Outputs terminated with 50
Ω to V
CCO - 2V. .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com