Electronic Components Datasheet Search
  English  ▼

X  

873991 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 873991
Description  LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

873991 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 873991 Datasheet HTML 8Page - Integrated Device Technology 873991 Datasheet HTML 9Page - Integrated Device Technology 873991 Datasheet HTML 10Page - Integrated Device Technology 873991 Datasheet HTML 11Page - Integrated Device Technology 873991 Datasheet HTML 12Page - Integrated Device Technology 873991 Datasheet HTML 13Page - Integrated Device Technology 873991 Datasheet HTML 14Page - Integrated Device Technology 873991 Datasheet HTML 15Page - Integrated Device Technology 873991 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
873991
www.idt.com
REV. A 8/25/15
12
873991
LOW VOLTAGE, LVCMOS/
LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the 873991.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 873991 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX = VCC_MAX * IEE_MAX = 3.465V * 165mA = 571.7mW
• Power (outputs)
MAX = 30mW/Loaded Output pair
If all outputs are loaded, the total power is 14 * 30mW = 420mW
Total Power
_MAX (3.465V, with all outputs switching) = 571.7mW + 420mW = 991.7mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of
the device. The maximum recommended junction temperature for the devices is 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
θJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJA must be used. Assuming
a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 47.1°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.992W * 47.1°C/W = 116.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
θJA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
58.0°C/W
47.1°C/W
42.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
42.3°C/W
36.4°C/W
34.0°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 7. THERMAL RESISTANCE
θJA FOR 52-PIN LQFP, FORCED CONVECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com