Electronic Components Datasheet Search
  English  ▼

X  

DS2148G Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS2148G
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148G Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS2148G Datasheet HTML 10Page - Dallas Semiconductor DS2148G Datasheet HTML 11Page - Dallas Semiconductor DS2148G Datasheet HTML 12Page - Dallas Semiconductor DS2148G Datasheet HTML 13Page - Dallas Semiconductor DS2148G Datasheet HTML 14Page - Dallas Semiconductor DS2148G Datasheet HTML 15Page - Dallas Semiconductor DS2148G Datasheet HTML 16Page - Dallas Semiconductor DS2148G Datasheet HTML 17Page - Dallas Semiconductor DS2148G Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
DS2148/Q48
14 of 75
PIN DESCRIPTIONS IN SERIAL PORT MODE (Sorted by Pin Name, DS2148T
Pin Numbering) Table 4-3b
ACRONYM
PIN
I/O
DESCRIPTION
BIS0/
BIS1
32/
33
I
Bus Interface Select Bits 0 & 1. Used to select bus interface option.
See Table 4-1 for details.
BPCLK
31
O
Back Plane Clock. A 16.384MHz, 8.192MHz, 4.096MHz, or
2.048MHz clock output that is referenced to RCLK selectable via
CCR5.7 and CCR5.6. In hardware mode, defaults to 16.384MHz
output.
CS*
1
I
Chip Select. Must be low to read or write to the device. CS* is an
active low signal.
HRST*
29
I
Hardware Reset. Bringing HRST* low will reset the DS2148
setting all control bits to their default state of all zeros.
ICES
8
I
Input Clock Edge Select. Selects whether the serial port data input
(SDI) is sampled on rising (ICES =0) or falling edge (ICES = 1) of
SCLK.
INT*
23
O
Interrupt [INT*] pin 23. Flags host controller during conditions
and change of conditions defined in the Status Register. Active low,
open drain output.
MCLK
30
I
Master Clock. A 2.048MHz (±50ppm) clock source with TTL
levels is applied at this pin. This clock is used internally for both
clock/data recovery and for jitter attenuation. Use of a T1 1.544MHz
clock source is optional.
See Note 1 on clock accuracy at the end of this table.
NA
-
I
Not Assigned. Should be tied low.
OCES
9
I
Output Clock Edge Select. Selects whether the serial port data
output (SDO) is valid on the rising (OCES = 1) or falling edge
(OCES = 0) of SCLK.
PBEO
24
O
PRBS Bit Error Output. The receiver will constantly search for a
215-1 or a 220-1 PRBS depending on the ETS bit setting (CCR1.7).
Remains high if out of synchronization with the PRBS pattern.
Goes low when synchronized to the PRBS pattern. Any errors in the
received pattern after synchronization will cause a positive going
pulse (with same period as E1 or T1 clock) synchronous with
RCLK. PRBS bit errors can also be reported to the ECR1 and
ECR2 registers by setting CCR6.2 to a logic 1.
RCLK
40
O
Receive Clock.
Buffered recovered clock from the line.
Synchronous to MCLK in absence of signal at RTIP and RRING.
RCL/
LOTC
25
O
Receive Carrier Loss / Loss of Transmit Clock. An output which
will toggle high during a receive carrier loss (CCR2.7 = 0) or will
toggle high if the TCLK pin has not been toggled for 5
msec ± 2
msec (CCR2.7 = 1). CCR2.7 defaults to logic 0 when in hardware
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com