Electronic Components Datasheet Search
  English  ▼

X  

DS2148G Datasheet(PDF) 42 Page - Dallas Semiconductor

Part # DS2148G
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148G Datasheet(HTML) 42 Page - Dallas Semiconductor

Back Button DS2148G Datasheet HTML 38Page - Dallas Semiconductor DS2148G Datasheet HTML 39Page - Dallas Semiconductor DS2148G Datasheet HTML 40Page - Dallas Semiconductor DS2148G Datasheet HTML 41Page - Dallas Semiconductor DS2148G Datasheet HTML 42Page - Dallas Semiconductor DS2148G Datasheet HTML 43Page - Dallas Semiconductor DS2148G Datasheet HTML 44Page - Dallas Semiconductor DS2148G Datasheet HTML 45Page - Dallas Semiconductor DS2148G Datasheet HTML 46Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
DS2148/Q48
42 of 75
TCD2 (0CH): TRANSMIT CODE DEFINITION REGISTER 2
(MSB)
(LSB)
C15
C14
C13
C12
C11
C10
C9
C8
SYMBOL
POSITION
DESCRIPTION
C15
TCD2.7
Transmit Code Definition Bit 15
C14
TCD2.6
Transmit Code Definition Bit 14
C13
TCD2.5
Transmit Code Definition Bit 13
C12
TCD2.4
Transmit Code Definition Bit 12
C11
TCD2.3
Transmit Code Definition Bit 11
C10
TCD2.2
Transmit Code Definition Bit 10
C9
TCD2.1
Transmit Code Definition Bit 9
C8
TCD2.0
Transmit Code Definition Bit 8
RUPCD1 (0DH): RECEIVE UP CODE DEFINITION REGISTER 1
(MSB)
(LSB)
C7
C6
C5
C4
C3
C2
C1
C0
SYMBOL
POSITION
DESCRIPTION
C7
RUPCD1.7
Receive Up Code Definition Bit 7. First bit of the repeating
pattern.
C6
RUPCD1.6
Receive Up Code Definition Bit 6. A Don’t Care if a 1-bit
length is selected.
C5
RUPCD1.5
Receive Up Code Definition Bit 5. A Don’t Care if a 1 or 2
bit length is selected.
C4
RUPCD1.4
Receive Up Code Definition Bit 4. A Don’t Care if a 1 to 3
bit length is selected.
C3
RUPCD1.3
Receive Up Code Definition Bit 3. A Don’t Care if a 1 to 4
bit length is selected.
C2
RUPCD1.2
Receive Up Code Definition Bit 2. A Don’t Care if a 1 to 5
bit length is selected.
C1
RUPCD1.1
Receive Up Code Definition Bit 1. A Don’t Care if a 1 to 6
bit length is selected.
C0
RUPCD1.0
Receive Up Code Definition Bit 0. A Don’t Care if a 1 to 7
bit length is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com