Electronic Components Datasheet Search
  English  ▼

X  

DS2148G Datasheet(PDF) 51 Page - Dallas Semiconductor

Part # DS2148G
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148G Datasheet(HTML) 51 Page - Dallas Semiconductor

Back Button DS2148G Datasheet HTML 47Page - Dallas Semiconductor DS2148G Datasheet HTML 48Page - Dallas Semiconductor DS2148G Datasheet HTML 49Page - Dallas Semiconductor DS2148G Datasheet HTML 50Page - Dallas Semiconductor DS2148G Datasheet HTML 51Page - Dallas Semiconductor DS2148G Datasheet HTML 52Page - Dallas Semiconductor DS2148G Datasheet HTML 53Page - Dallas Semiconductor DS2148G Datasheet HTML 54Page - Dallas Semiconductor DS2148G Datasheet HTML 55Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
DS2148/Q48
51 of 75
BASIC INTERFACE Figure 9-1
NOTES:
1) All resistor values are ±1%.
2) In E1 applications, the Rt resistors are used to increase the transmitter return loss (Table 9-1). No
return loss is required for T1 applications.
3) The Rr resistors should be set to 60
W each if the internal receive-side termination feature is enabled.
When this feature is disabled, Rr = 37.5
W for 75W, 60W for 120W E1 systems, or 50W for 100W
T1 lines.
4) See Table 9-1 and Table 9-2 for the appropriate transmit transformer turns ratio (N).
RTIP
RRING
TTIP
TRING
Receive
Line
N:1
(larger winding
toward the network)
DS2148
0.47µF
(non
polarized)
VDD (21)
VSS (22)
0.1µF
VDD (36)
VSS (35)
0.1µF
+VDD
0.01µF
2.048MHz
(this clock can also
be 1.544MHz for T1
only applications)
MCLK
1:1
0.1µF
Rr
Rr
Rt
Rt
Transmit
Line
10µF
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com