Electronic Components Datasheet Search
  English  ▼

X  

EN29F040 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # EN29F040
Description  4 Megabit (512K x 8-bit) Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F040 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button EN29F040 Datasheet HTML 18Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 19Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 20Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 21Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 22Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 23Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 24Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 25Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
22
EN29F040
Rev. D, Issue Date: 2001/07/05
Table 8. AC CHARACTERISTICS
Read-only Operations Characteristics
Parameter
Symbols
Speed Options
JEDEC
Standard
Description
Test Setup
-45
-55
-70
-90
Unit
tAVAV
tRC
Read Cycle Time
Min
45
55
70
90
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max
45
55
70
90
ns
tELQV
tCE
Chip Enable To Output Delay
OE = VIL
Max
45
55
70
90
ns
tGLQV
tOE
Output Enable to Output Delay
Max
25
30
30
35
ns
tEHQZ
tDF
Chip Enable to Output High Z
Max
10
15
20
20
ns
tGHQZ
tDF
Output Enable to Output High Z
Max
10
15
20
20
ns
tAXQX
tOH
Output Hold Time from
Addresses,
CE or OE ,
whichever occurs first
Min
0
0
0
0
ns
Notes:
For -45, -55
Vcc = 5.0V ± 5%
Output Load : 1 TTL gate and 30pF
Input Rise and Fall Times: 5ns
Input Rise Levels: 0.0 V to 3.0 V
Timing Measurement Reference Level, Input and Output: 1.5 V
For all others:
Vcc = 5.0V ± 10%
Output Load: 1 TTL gate and 100 pF
Input Rise and Fall Times: 20 ns
Input Pulse Levels: 0.45 V to 2.4 V
Timing Measurement Reference Level, Input and Output: 0.8 V and 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com