Electronic Components Datasheet Search
  English  ▼

X  

EN29F040 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EN29F040
Description  4 Megabit (512K x 8-bit) Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F040 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EN29F040 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
2
EN29F040
Rev. D, Issue Date: 2001/07/05
TABLE 1. PIN DESCRIPTION
FIGURE 1. LOGIC DIAGRAM
Pin Name
Function
A0-A18
Addresses
DQ0-DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
Vcc
Supply Voltage
(5V
± 10% )
Vss
Ground
TABLE 2. SECTOR ARCHITECTURE
Sector
ADDRESSES
SIZE (Kbytes)
A18
A17
A16
7
70000h - 7FFFFh
64
1
1
1
6
60000h - 6FFFFh
64
1
1
0
5
50000h – 5FFFFh
64
1
0
1
4
40000h – 4FFFFh
64
1
0
0
3
30000h – 3FFFFh
64
0
1
1
2
20000h - 2FFFFh
64
0
1
0
1
10000h - 1FFFFh
64
0
0
1
0
00000h - 0FFFFh
64
0
0
0
EN29F040
8
DQ0 - DQ7
A0 - A18
18
Vcc
WE
CE
OE
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com