Electronic Components Datasheet Search
  English  ▼

X  

EN29F040 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EN29F040
Description  4 Megabit (512K x 8-bit) Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F040 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EN29F040 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F040 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
5
EN29F040
Rev. D, Issue Date: 2001/07/05
TABLE 3. OPERATING MODES
4M FLASH USER MODE TABLE
CE
WE
OE
A9
A8
A6
A5
A1
A0
Ax/y
DQ(0-7)
USER MODE
STANDBY
H
X
X
X
X
X
X
X
X
X
HI-Z
READ
L
H
L
A9
A8
A6
A5
A1
A0
Ax/y
DQ (0-7)
OUTPUT DISABLE
L
H
H
X
X
X
X
X
X
X
HI-Z
READ
MANUFACTURE ID
L
H
L
VID
L/H
L
X
L
L
X
MANUFACTURE
ID
READ DEVICE ID
L
H
L
VID
L/H
L
X
L
H
X
DEVICE ID (T/B)
VERIFY SECTOR
PROTECTION
L
H
L
VID
X
L
X
H
L
X
CODE
SECTOR
PROTECTION
L
Pulse
L
VID
VID
X
L
X
X
X
X
X
VERIFY SECTOR
UNPROTECTION
L
H
L
VID
X
H
X
H
L
X
CODE
SECTOR
UNPROTECTION
Pulse
L
VID
VID
L
X
X
H
X
X
X
X
WRITE
L
L
H
A9
A8
A6
A5
A1
A0
Ax/y
DIN (0-7)
NOTES:
1)
L = VIL, H = VIH, VID = 11.0V
± 0.5V
2)
X = Don’t care, either VIH or VIL
3)
Ax/y: Ax = Addr(x), Ay = Addr(y)
TABLE 4. DEVICE IDENTIFICTION
4M FLASH MANUFACTURER/DEVICE ID TABLE
A8
A6
A1
A0
DQ(7-0)
HEX
READ
MANUFACTURER ID
H
(1)
L
L
L
MANUFACTURER ID
1C
READ
DEVICE ID
H
(2)
L
L
H
DEVICE ID
04
NOTES:
1)
If a Manufacturing ID is read with A8 = L, the chip will output a configuration code 7Fh. A further
Manufacturing ID must be read with A8 = H.
2)
If a Device ID is read with A8 = L, the chip will output a configuration code 7Fh. A further Device ID
must be read with A8 = H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com