Electronic Components Datasheet Search
  English  ▼

X  

ATS128LSE Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS128LSE
Description  Chopper stabilization for stable switchpoints throughout operating temperature range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128LSE Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS128LSE Datasheet HTML 1Page - Allegro MicroSystems ATS128LSE Datasheet HTML 2Page - Allegro MicroSystems ATS128LSE Datasheet HTML 3Page - Allegro MicroSystems ATS128LSE Datasheet HTML 4Page - Allegro MicroSystems ATS128LSE Datasheet HTML 5Page - Allegro MicroSystems ATS128LSE Datasheet HTML 6Page - Allegro MicroSystems ATS128LSE Datasheet HTML 7Page - Allegro MicroSystems ATS128LSE Datasheet HTML 8Page - Allegro MicroSystems ATS128LSE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Description
TheATS128LSE programmable, true power-on state (TPOS),
sensor IC is an optimized combination of Hall-effect IC and
rare-earth pellet that switches in response to magnetic signals
created by ferromagnetic targets in gear-tooth sensing and
proximity sensing applications.
Thesedevicesofferawideprogrammingrangeforthemagnetic
operate point, BOP. A fixed hysteresis then sets the magnetic
release point, BRP, based on the selected BOP .
The devices are externally programmable. A wide range of
programmability is available on the magnetic operate point,
BOP, while the hysteresis remains fixed. This advanced
feature allows optimization of the sensor IC switchpoint and
can drastically reduce the effects of mechanical placement
tolerances found in production environments.
A proprietary dynamic offset cancellation technique, with
an internal high-frequency clock, reduces the residual offset
voltage, which is normally caused by device overmolding,
temperature dependencies, and thermal stress. Having the Hall
elementandamplifierinasinglechipminimizesmanyproblems
normally associated with low-level analog signals.
This device is ideal for use in gathering speed or position
information using gear-tooth–based configurations, or for
proximity sensing with ferromagnetic targets.
The ATS128 is provided in a 4-pin SIP. It is lead (Pb) free,
with 100% matte tin leadframe plating.
ATS128LSE-DS
Features and Benefits
• Chopper stabilization for stable switchpoints throughout
operating temperature range
• User-programmable:
▫MagneticoperatepointthroughtheVCCpin:
9 programming bits provide 4-gauss resolution
▫Outputpolarity
▫OutputfalltimeforreducedEMIin
automotive applications
• On-board voltage regulator for 3 to 24 V operation
• On-chip protection against:
▫Supplytransients
▫Outputshort-circuits
▫Reversebatterycondition
• True Zero-Speed Operation
• True Power-On State
Highly Programmable, Back-Biased, Hall-Effect Switch
with TPOS Functionality
Package: 4-pin SIP (suffix SE)
Functional Block Diagram
Not to scale
ATS128LSE
Switchpoint
TC Trim
VCC
GND
VOUT
To all subcircuits
Regulator
Trim Control
Signal Recovery
Amp
Program Control
Output Fall Time
Output Polarity


Similar Part No. - ATS128LSE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS128 ALLEGRO-ATS128 Datasheet
539Kb / 25P
Highly Programmable, Back-Biased, Hall-Effect Switch
More results

Similar Description - ATS128LSE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0334C1H1R4BA01 MURATA-GRM0334C1H1R4BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R6WA01 MURATA-GRM0334C1H1R6WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8BA01 MURATA-GRM0334C1H1R8BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8WA01 MURATA-GRM0334C1H1R8WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R9WA01 MURATA-GRM0334C1H1R9WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR20WA01 MURATA-GRM0334C1HR20WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR40BA01 MURATA-GRM0334C1HR40BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0332C1E5R5WA01 MURATA-GRM0332C1E5R5WA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R6CA01 MURATA-GRM0332C1E5R6CA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R9CA01 MURATA-GRM0332C1E5R9CA01 Datasheet
49Kb / 1P
Operating temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com