Electronic Components Datasheet Search
  English  ▼

X  

ATS128LSE Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS128LSE
Description  Chopper stabilization for stable switchpoints throughout operating temperature range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128LSE Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS128LSE Datasheet HTML 1Page - Allegro MicroSystems ATS128LSE Datasheet HTML 2Page - Allegro MicroSystems ATS128LSE Datasheet HTML 3Page - Allegro MicroSystems ATS128LSE Datasheet HTML 4Page - Allegro MicroSystems ATS128LSE Datasheet HTML 5Page - Allegro MicroSystems ATS128LSE Datasheet HTML 6Page - Allegro MicroSystems ATS128LSE Datasheet HTML 7Page - Allegro MicroSystems ATS128LSE Datasheet HTML 8Page - Allegro MicroSystems ATS128LSE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Electrical Characteristics
Supply Voltage
VCC
3
12
24
V
Supply Current
ICC
No load on VOUT
–
–
5.5
mA
Supply Zener Clamp Voltage
VZSUPPLY TA = 25°C, ICC = ICC(max) + 3 mA
28
–
–
V
Supply Zener Current
IZSUPPLY VCC = 28 V
–
–
8.5
mA
Output Zener Clamp Voltage
VZOUTPUT IOUT = 3 mA
28
–
–
V
Reverse Battery Current
IRCC
VCC = –18 V
–5
–
–
mA
Chopping Frequency
fC
–
400
–
kHz
Power-On Characteristics
Power-On Time1
tPO
TA = 25°C; CLOAD (PROBE) = 10 pF
–
–
30
µs
Power-On State2
POS
POL = 0
B < BRP, t > ton
–
High
–
–
POL = 1
B < BRP , t > ton
–
Low
–
–
Output Stage Characteristics
Output Saturation Voltage
VOUT(sat) Output = On, IOUT = 20 mA
–
175
400
mV
Output Leakage Current
IOFF
VOUT = 24 V; Output = Off
–
–
10
µA
Output Current Limit
IOUT(lim)
Short-Circuit Protection, Output = On
30
–
90
mA
Output Rise Time3
tr
VCC = 12 V, RPU = 820 Ω, CLOAD = 10 pF,
see figure 1
–
–
2
µs
VCC = 12 V, RPU = 2 kΩ, CLOAD = 4.7 nF,
see figure 1
–
21
–
µs
Output Fall Time4
tf
FALL = 0
VCC = 12 V, RLOAD = 820 Ω,
CLOAD = 10 pF, see figure 1
–
–
2
µs
FALL = 1
VCC = 12 V, RLOAD = 2 kΩ,
CLOAD = 4.7 nF, see figure 1
5
–
10
µs
FALL = 3
VCC = 12 V, RLOAD = 2 kΩ,
CLOAD = 4.7 nF, see figure 1
8
–
13
µs
FALL = 4
VCC = 12 V, RLOAD = 2 kΩ,
CLOAD = 4.7 nF, see figure 1
10
–
16
µs
OPERATING CHARACTERISTICS Valid with TA = –40°C to 150°C, CBYPASS = 0.1 µF, VCC = 12 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Continued on the next page…
tf
tr
V+
%
100
90
10
0
VOUT(High)
VOUT(Low)
Figure 1. Rise Time and Fall Time Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com