Electronic Components Datasheet Search
  English  ▼

X  

ATS128LSE Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS128LSE
Description  Chopper stabilization for stable switchpoints throughout operating temperature range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128LSE Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS128LSE Datasheet HTML 1Page - Allegro MicroSystems ATS128LSE Datasheet HTML 2Page - Allegro MicroSystems ATS128LSE Datasheet HTML 3Page - Allegro MicroSystems ATS128LSE Datasheet HTML 4Page - Allegro MicroSystems ATS128LSE Datasheet HTML 5Page - Allegro MicroSystems ATS128LSE Datasheet HTML 6Page - Allegro MicroSystems ATS128LSE Datasheet HTML 7Page - Allegro MicroSystems ATS128LSE Datasheet HTML 8Page - Allegro MicroSystems ATS128LSE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Pin-out Diagram
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
28
V
Reverse Supply Voltage
VRCC
–18
V
Forward Output Voltage
VOUT
28
V
Reverse Output Voltage
VROUT
–0.7
V
Output Current Sink
IOUT(SINK)
Internal current limiting is intended to protect
the device from output short circuits, but is not
intended for continuous operation.
20
mA
Operating Ambient Temperature
TA
L temperature range
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Terminal List Table
Number
Name
Function
1
VCC
Input power supply
2
VOUT
Output signal
3
NC
No connect
4
GND
Ground
Selection Guide
Part Number
Packing*
ATS128LSETN-T
450 pieces per 13-in. reel
*Contact Allegro™ for additional packing options
2
4
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com