Electronic Components Datasheet Search
  English  ▼

X  

AT-32032 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AT-32032
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AT-32032 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button AT-32032 Datasheet HTML 5Page - Broadcom Corporation. AT-32032 Datasheet HTML 6Page - Broadcom Corporation. AT-32032 Datasheet HTML 7Page - Broadcom Corporation. AT-32032 Datasheet HTML 8Page - Broadcom Corporation. AT-32032 Datasheet HTML 9Page - Broadcom Corporation. AT-32032 Datasheet HTML 10Page - Broadcom Corporation. AT-32032 Datasheet HTML 11Page - Broadcom Corporation. AT-32032 Datasheet HTML 12Page - Broadcom Corporation. AT-32032 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
AT-32032 Typical Scattering Parameters, Common Emitter, ZO = 50 Ω, VCE = 5 V, IC = 5 mA
Freq.
GHz
S11
S21
S12
S22
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.860
-19
23.8
15.523
160
-36.4
0.015
80
0.949
-9
0.5
0.496
-67
18.8
8.705
114
-25.4
0.054
63
0.690
-25
0.9
0.298
-90
14.9
5.569
92
-22.0
0.079
61
0.580
-28
1.0
0.269
-96
14.1
5.067
88
-21.4
0.085
61
0.570
-29
1.5
0.168
-119
11.0
3.558
71
-18.5
0.119
59
0.530
-33
1.8
0.133
-135
9.7
3.046
63
-17.1
0.140
58
0.514
-36
2.0
0.116
-146
8.9
2.782
58
-16.2
0.154
57
0.508
-39
3.0
0.086
150
6.1
2.011
34
-12.7
0.232
48
0.483
-54
4.0
0.121
98
4.3
1.640
13
-9.9
0.319
37
0.461
-72
5.0
0.194
70
3.1
1.434
-6
-7.6
0.417
23
0.422
-95
6.0
0.287
57
2.3
1.300
-25
-5.7
0.521
8
0.354
-124
7.0
0.390
43
1.6
1.198
-44
-4.0
0.631
-10
0.274
-166
8.0
0.491
28
0.8
1.101
-62
-2.8
0.722
-30
0.273
137
9.0
0.570
10
0
0.997
-79
-2.2
0.774
-51
0.361
91
10.0
0.640
-9
-1.0
0.891
-95
-2.1
0.781
-72
0.464
57
AT-32032 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, VCE = 5 V, IC = 5 mA
Freq.
GHz
Fmin
dB
Γopt
Rn
ohms
Gassoc
dB
Mag
Ang
0.9
1.0
0.38
52
11.7
16.1
1.8
1.2
0.335
124
6.3
11.2
2.0
1.3
0.33
140
5.3
10.5
2.5
1.4
0.35
179
4.3
9.2
3.0
1.6
0.40
-146
5.9
8.2
3.5
1.8
0.47
-118
11.5
7.5
4.0
2.0
0.54
-92
22.0
6.8
gmax
dB(S[2,1])
k
0
25
15
20
5
10
0
2
1
3
4
5
6
0
1.25
0.75
1
0.25
0.5
FREQUENCY (GHz)
Figure 14. Gain vs. Frequency at 5 V, 5 mA.
Note: dB(|S21|) = 20 * log(|S21|)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG = S21 (k±
√k2–1)
S12
MSG = |S21| /|S12|
k =
1 – |S11| 2 – |S22|2 + |D|2
; D = S11S22 – S12S21
2*|S12| |S21|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com