Electronic Components Datasheet Search
  English  ▼

X  

AT-32032 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # AT-32032
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AT-32032 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button AT-32032 Datasheet HTML 6Page - Broadcom Corporation. AT-32032 Datasheet HTML 7Page - Broadcom Corporation. AT-32032 Datasheet HTML 8Page - Broadcom Corporation. AT-32032 Datasheet HTML 9Page - Broadcom Corporation. AT-32032 Datasheet HTML 10Page - Broadcom Corporation. AT-32032 Datasheet HTML 11Page - Broadcom Corporation. AT-32032 Datasheet HTML 12Page - Broadcom Corporation. AT-32032 Datasheet HTML 13Page - Broadcom Corporation. AT-32032 Datasheet HTML 14Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Package Dimensions
SOT-323 Plastic Package
Ordering Information
Part Numbers
No. of Devices
Comments
AT-32032-BLK
100
Bulk
AT-32032-BLKG
100
Bulk
AT-32032-TR1
3000
7" Reel
AT-32032-TR1G
3000
7" Reel
AT-32032-TR2
10000
13" Reel
AT-32032-TR2G
10000
13" Reel
Note: Order part number with a “G” suffix if lead-free option is desired.
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.80
0.00
0.15
0.08
1.80
1.10
1.80
0.26
MAX.
1.00
0.10
0.40
0.25
2.25
1.40
2.40
0.46
SYMBOL
A
A1
B
C
D
E1
e
e1
E
L
1.30 typical
0.65 typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com