Electronic Components Datasheet Search
  English  ▼

X  

AS8C403625 Datasheet(PDF) 17 Page - Alliance Semiconductor Corporation

Part # AS8C403625
Description  Power down controlled by ZZ input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C403625 Datasheet(HTML) 17 Page - Alliance Semiconductor Corporation

Back Button AS8C403625 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 19Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17717172
AS8C403625, AS8C401825, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Flow-Through Outputs, Burst Counter, Single Cycle Deselect
Commercial Temperature Range
17
JTAG Interface Specification (SA Version only)
TCK
Device Inputs(1)/
TDI/TMS
Device Outputs(2)/
TDO
TRST(3)
tJCD
tJDC
tJRST
tJS
tJH
tJCYC
tJRSR
tJF
tJCL
tJR
tJCH
M5280 drw 01
x
Symbol
Parameter
Min.
Max.
Units
tJCYC
JTAG Clock Input Period
100
____
ns
tJCH
JTAG Clock HIGH
40
____
ns
tJCL
JTAG Clock Low
40
____
ns
tJR
JTAG Clock Rise Time
____
5(1)
ns
tJF
JTAG Clock Fall Time
____
5(1)
ns
tJRST
JTAG Reset
50
____
ns
tJRSR
JTAG Reset Recovery
50
____
ns
tJCD
JTAG Data Output
____
20
ns
tJDC
JTAG Data Output Hold
0
____
ns
tJS
JTAG Setup
25
____
ns
tJH
JTAG Hold
25
____
ns
I5280 tbl 01
Register Name
Bit Size
Instruction (IR)
4
Bypass (BYR)
1
JTAG Identification (JIDR)
32
Boundary Scan (BSR)
Note (1)
I5280 tbl 03
NOTES:
1. Device inputs = All device inputs except TDI, TMS and
TRST.
2. Device outputs = All device outputs except TDO.
3. During power up,
TRST could be driven low or not be used since the JTAG circuit resets automatically. TRST is an optional JTAG reset.
NOTE:
1. The Boundary Scan Descriptive Language (BSDL) file for this device is available
JTAG AC Electrical
Characteristics(1,2,3,4)
Scan Register Sizes
NOTES:
1. Guaranteed by design.
2. AC Test Load (Fig. 1) on external output signals.
3. Refer to AC Test Conditions stated earlier in this document.
4. JTAG operations occur at one speed (10MHz). The base device may run at any speed specified in this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com